Electronic Components Datasheet Search
  English  ▼

X  

FN-9264 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # FN-9264
Description  General Purpose Power Entry Module with Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9264 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN-9264 Datasheet HTML 1Page - Schaffner International Ltd FN-9264 Datasheet HTML 2Page - Schaffner International Ltd FN-9264 Datasheet HTML 3Page - Schaffner International Ltd FN-9264 Datasheet HTML 4Page - Schaffner International Ltd FN-9264 Datasheet HTML 5Page - Schaffner International Ltd FN-9264 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
EMC/EMI Products
Schaffner Group Datasheets 05 Nov 2019
Mechanical data
FN 9264
Panel cut out*
**Recommended torque for M3 (90° countersunk flat head) is 0.5 Nm
FN 9264 S
Panel cut out
Installation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com