Electronic Components Datasheet Search
  English  ▼

X  

FN-9264 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-9264
Description  General Purpose Power Entry Module with Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9264 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-9264 Datasheet HTML 1Page - Schaffner International Ltd FN-9264 Datasheet HTML 2Page - Schaffner International Ltd FN-9264 Datasheet HTML 3Page - Schaffner International Ltd FN-9264 Datasheet HTML 4Page - Schaffner International Ltd FN-9264 Datasheet HTML 5Page - Schaffner International Ltd FN-9264 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET
IEC Inlet Filters FN 9264
General Purpose Power Entry Module with Switch
Rated currents up to 10 A
High quality 2-pole rocker switch
Optional reduced leakage current versions (A/B
type)
Complies with IEC/EN 60601-1
Snap-in versions (S type)
Good attenuation performance
Performance indicators
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
DC to 400 Hz
Rated currents
1 to 10 A @ 40°C max.
High potential test voltage for capacitors
P –> PE 2000 VAC for 2 sec (Standard)
P –> PE 2500 VAC for 2 sec (B-types)
P –> N 760 VAC for 2 sec
Protection category
IP 40 according to IEC 60529
Temperature range (operation and storage)
-25°C to +85°C (25/85/21)
-25°C to +85°C (25/85/21)
Design corresponding to
UL 60939-3, CSA Std C22.2 No. 8, IEC/EN 60939-3, GB/
T15287, GB/T15288
Flammability corresponding to
UL 94 V-2 or better
MTBF @ 40°C/230 V (Mil-HB-217F)
≥ 616,000 hours
Rocker switch description
Function
2-pole, dark not illuminated
Marking I – 0
Electrical specifications
Inrush current 100 A
50,000 on-off operations for 10 A according to EN
610581-1
Switch ratings
Europe (ENEC)
10 A (4 A), 250 VAC* 5E4
16 A (4 A), 250 VAC* 1E4
USA (UL)
20 A, 125 VAC 1 HP; 250 VAC 2 HP;
* Value in () relates to the inductive current charge: cosφ = 0.65
Approvals
Features and benefits
Excellent conducted attenuation performance,
based on chokes with high saturation resistance
and good thermal behavior
High quality 2-pole rocker switch for all-pole
disconnection
Faston terminals for easy assembly
FN 9264 B versions comply with the requirements of
1MOP acc. to IEC/EN 60601-1 for creepage and
clearance, leakage current and high potential
testing
As flange mount and snap-in types available
Typical applications
Portable electrical and electronic equipment
EDP and office equipment
Single-phase power supplies
Switch-mode power supplies
Test and measurement equipment
Medical electrical devices (MD) and In-Vitro
Diagnostic (IVD) medical devices
Typical electrical schematic


Similar Part No. - FN-9264

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
FN-9262 SCHAFFNER-FN-9262 Datasheet
848Kb / 5P
High Performance Power Entry Module with Fuses
FN-9266 SCHAFFNER-FN-9266 Datasheet
793Kb / 5P
High Performance Power Entry Module with Switch
More results

Similar Description - FN-9264

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
List of Unclassifed Man...
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
FN261-10-06 ETC2-FN261-10-06 Datasheet
192Kb / 2P
General-purpose power entry module
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
logo
Schaffner International...
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
FN-9266 SCHAFFNER-FN-9266 Datasheet
793Kb / 5P
High Performance Power Entry Module with Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com