Electronic Components Datasheet Search
  English  ▼

X  

TL081 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TL081
Description  TL08xx FET-Input Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL081 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TL081 Datasheet HTML 25Page - Texas Instruments TL081 Datasheet HTML 26Page - Texas Instruments TL081 Datasheet HTML 27Page - Texas Instruments TL081 Datasheet HTML 28Page - Texas Instruments TL081 Datasheet HTML 29Page - Texas Instruments TL081 Datasheet HTML 30Page - Texas Instruments TL081 Datasheet HTML 31Page - Texas Instruments TL081 Datasheet HTML 32Page - Texas Instruments TL081 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
8 Detailed Description
8.1 Overview
The TL08xH family (TL081H, TL082H, and TL084H) is the next-generation family of the industry standard TL08x
(TL081, TL082, and TL084) high-voltage general purpose amplifiers. These devices provide outstanding value
for cost-sensitive applications requiring high slew rate with high voltage signals, such as motor drive and inverter
systems.
A robust MUX-friendly input stage enhances flexibility in design, with common-mode voltage range extending to
the positive rail as well as improved settling time in multi-channel applications. Low offset voltage (1 mV, typ) and
low offset voltage drift (2 µV/°C) allows the TL08xH family to be used in rugged applications requiring precision
current and voltage sensing. High voltage operation (up to 40 V) and high slew rate (20 V/µs) make the TL08xH
family a premier choice for high-voltage applications with fast transients.
8.2 Functional Block Diagram
C1
VCC +
IN +
VCC −
OFFSET N1
1080
Ω
1080
Ω
IN −
TL081 Only
64
Ω
128
Ω
64
Ω
OUT
OFFSET N2
8.3 Feature Description
8.3.1 Total Harmonic Distortion
Harmonic distortions to an audio signal are created by electronic components in a circuit. Total harmonic
distortion (THD) is a measure of harmonic distortions accumulated by a signal in an audio system. These
devices have a very low THD of 0.003% meaning that the TL08x devices will add little harmonic distortion when
used in audio signal applications.
8.3.2 Slew Rate
The slew rate is the rate at which an operational amplifier can change its output when there is a change on the
input. These devices have a 13-V/μs slew rate.
8.4 Device Functional Modes
These devices are powered on when the supply is connected. This device can be operated as a single-supply
operational amplifier or dual-supply amplifier depending on the application.
www.ti.com
TL081, TL081A, TL081B
TL082, TL082A, TL082B, TL084, TL084A, TL084B, TL084H
SLOS081J – FEBRUARY 1977 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B TL084H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com