Electronic Components Datasheet Search
  English  ▼

X  

TL081 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TL081
Description  TL08xx FET-Input Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL081 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TL081 Datasheet HTML 27Page - Texas Instruments TL081 Datasheet HTML 28Page - Texas Instruments TL081 Datasheet HTML 29Page - Texas Instruments TL081 Datasheet HTML 30Page - Texas Instruments TL081 Datasheet HTML 31Page - Texas Instruments TL081 Datasheet HTML 32Page - Texas Instruments TL081 Datasheet HTML 33Page - Texas Instruments TL081 Datasheet HTML 34Page - Texas Instruments TL081 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
9.2.1.3 Application Curve
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.5
1
1.5
2
Time (ms)
VIN
VOUT
Figure 9-2. Input and output voltages of the inverting amplifier
9.3 System Examples
9.3.1 General Applications
− 15 V
15 V
Output
1 k
Ω
9.1 k
Ω
3.3 k
Ω
CF = 3.3 µF
RF = 100 kΩ
3.3 k
Ω
TL081
f =
2π RF CF
1
Figure 9-3. 0.5-Hz Square-Wave Oscillator
R1
C1
C2
R3
C3
VCC −
VCC +
TL081
Output
Input
R2
R1 = R2 = 2(R3) = 1.5 M
Ω
fo =
2π R1 C1
1
= 1 kHz
C1 = C2 =
= 110 pF
C3
2
Figure 9-4. High-Q Notch Filter
Input
−
TL084
Output C
Output B
TL084
VCC +
Output A
TL084
VCC +
TL084
VCC +
100 k
Ω
100
µF
1
µF
1 M
Ω
100 k
Ω
100 k
Ω
100 k
Ω
VCC +
VCC +
Figure 9-5. Audio-Distribution Amplifier
88.4 k
Ω
18 pF
VCC +
VCC −
18 pF
18 pF
88.4 k
Ω
88.4 k
Ω
1N4148
1N4148
VCC −
VCC+
1 k
Ω
− 15 V
6 cos ωt
15 V
18 k
Ω
(see Note A)
1 k
Ω
6 sin ωt
1/2
TL082
1/2
TL082
18 k
Ω
(see Note A)
A. These resistor values may be adjusted for a symmetrical output.
Figure 9-6. 100-kHz Quadrature Oscillator
www.ti.com
TL081, TL081A, TL081B
TL082, TL082A, TL082B, TL084, TL084A, TL084B, TL084H
SLOS081J – FEBRUARY 1977 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B TL084H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com