Electronic Components Datasheet Search
  English  ▼

X  

C9714 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C9714
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C9714 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C9714 Datasheet HTML 1Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 2Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 3Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 4Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 5Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 6Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 7Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 8Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
C9714
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 2.0
5/17/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 2 of 13
Pin Description
PIN No.
Pin Name
PWR
I/O
TYPE
Description
2
XIN
VDD
I
XTAL4
On-chip reference oscillator input pin. Requires either an
external parallel resonant crystal (nominally 14.318 MHz) or
externally generated reference signal
3
XOUT
VDD
O
XTAL4
O-chip reference oscillator output pin. Drives an external
parallel resonant crystal (14.318 MHz) when an externally
generated reference signal is used.
19
VDD
-
P
PWR
3.3 volt power supply for core logic.
23, 24
CPU (1,2)
VDDC
O
C100S
Clock outputs. CPU frequency table specified on page 1.
17
PD#
-
I
INP3U
Powers down device when LOW
18
CS#
-
I
INP3U
When signal is LOW, stops CPU clocks in low state.
16
SEL100/66#
-
I
INP3
Frequency select input pins. See frequency select table on
page 1. NO INTERNAL PULLUP RESISTOR IS PROVIDED
BY DEVICE
25
VDDC
-
P
PWR
2.5V power for CPU and Host clock outputs.
4
PCI_F
VDDP
O
P100S
Free running PCI clock 3.3V. Does not stop when PS# is at a
logic LOW level
5,6,9,
10,11
PCI(1:5)
VDDP
O
P100S
PCI output clocks. See frequency table of page 1.
20
PS#
-
I
INP3U
When signal is LOW, stops all PCI clocks in low state.
8
VDDP
-
P
PWR
3.3 Volt power supply pins for free running PCI clock output
buffer.
13
48M
VDDF
O
U48
Fixed 48 MHz clock.
14
48-24M/TS#
VDDF
I/O
U48BU
Power up selectable 48 or 24 MHz clock. If strapped LOW at
powerup causes the devices outputs to be tri-stated until the
next power up sequence occurs.
26
REF1/SS#
VDDR
I/O
U48BU
At power up this pin determines if the device’s spread
spectrum modulation feature is enabled or disabled. After
power up this pin becomes a reference clock output. A 0 (logic
low) enables SSCG and a 1 (logic high) disables SSCG.
27
REF2/SEL48
#
VDDR
I/O
U48BU
At power up this pin determine the frequency of the clock at pin
14. If it is LOW, the clock will be 48 MHz, if HIGH the clock will
be 24 MHz. After power up this pin will become a reference
clock output.
12
VDDF
-
P
PWR
Power for fixed clock output buffer.
1, 7, 15,
21, 22
VSS
-
P
PWR
Ground pins for device.
28
VDDR
-
P
PWR
Power for Reference Oscillator output buffer.
Notes
1.
INP3U pins have internal pullup resistors that will guarantee to a logic 1 (high) level if no connection is made to the
device’s pin. INP3 pins do not contain this function and must be electrically connected to VDD or VSS by external
circuitry to ensure a valid logic 1 or 0 is sensed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com