Electronic Components Datasheet Search
  English  ▼

X  

C9714 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C9714
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C9714 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C9714 Datasheet HTML 1Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 2Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 3Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 4Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 5Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 6Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 7Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 8Page - List of Unclassifed Manufacturers C9714 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
C9714
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 2.0
5/17/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 3 of 13
Frequency Selection Table
Outputs
Descriptions
48-24M/TS#
at Power UP
SEL
66/100
CPU
PCI
48M
48/24M
All Outputs Tri-State
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
66 MHz
1
0
66 MHz
33 MHz
48 MHz
24/48 MHz
100 MHz
1
1
100 MHz
33 MHz
48 MHz
24/48 MHz
Power Management Functions
PS#
CS#
PD#
CPU
48M
PCI
PCI_F
VCOs
X
X
0
LOW
LOW
LOW
LOW
OFF
1
0
1
ON
ON
LOW
ON
ON
0
1
1
LOW
ON
ON
ON
ON
0
0
1
LOW
ON
LOW
ON
ON
1
1
1
ONON
ONON
ON
CS# is an input clock synthesizer. It is used to turn off the CPU clocks for low power operation. CS# is asserted
asynchronously by the external clock control logic with the rising edge of free running PCI clock (and hence CPU Clock)
and must be internally synchronized to the external PCI_F output. All other clocks will continue to run while the CPU
clocks are disabled. The CPU clocks must always be stopped in a low state and started in such a manner as to
guarantee that the high pulse width is a full pulse. CPU clock on latency need to be 2 or 3 CPU clocks periods in time
and CPU clock off latency needs to be 2 or 3 CPU clocks periods in time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com