Electronic Components Datasheet Search
  English  ▼

X  

1809005 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1809005
Description  Printed-circuit board connector - MSTB 2,5/14-ST-5,08-LR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809005 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1809005 Datasheet HTML 1Page - PHOENIX CONTACT 1809005 Datasheet HTML 2Page - PHOENIX CONTACT 1809005 Datasheet HTML 3Page - PHOENIX CONTACT 1809005 Datasheet HTML 4Page - PHOENIX CONTACT 1809005 Datasheet HTML 5Page - PHOENIX CONTACT 1809005 Datasheet HTML 6Page - PHOENIX CONTACT 1809005 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1809005
06/30/2020   Page 1 / 7
Printed-circuit board connector - MSTB 2,5/14-ST-5,08-LR - 1809005
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 14, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, color: green, contact
surface: Tin
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
 Allows connection of two conductors
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356702454
Technical data
Item properties
Brief article description
Printed-circuit board connector
Plug-in system
CLASSIC COMBICON
Type of contact
Female connector
Range of articles
MSTB 2,5/..-ST-LR
Pitch
5.08 mm
Number of positions
14
Connection method
Screw connection with tension sleeve
Drive form screw head
Slotted (L)
Screw thread
M3
Locking
Lock & Release ejector lever
Number of levels
1
Number of connections
14


Similar Part No. - 1809005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809006 PHOENIX-1809006 Datasheet
151Kb / 5P
MSTB 2,5/21-G-5,08
More results

Similar Description - 1809005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749234 PHOENIX-1749234 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/14-ST-5,08 AU
1809021 PHOENIX-1809021 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/16-ST-5,08-LR
1809050 PHOENIX-1809050 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/19-ST-5,08-LR
1937224 PHOENIX-1937224 Datasheet
53Kb / 3P
Printed-circuit board connector - MSTB 2,5 HC/14-ST-5,08
1808983 PHOENIX-1808983 Datasheet
111Kb / 7P
Printed-circuit board connector - MSTB 2,5/12-ST-5,08-LR
1809018 PHOENIX-1809018 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/15-ST-5,08-LR
1808941 PHOENIX-1808941 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 8-ST-5,08-LR
1808886 PHOENIX-1808886 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08-LR
1808899 PHOENIX-1808899 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08-LR
1808967 PHOENIX-1808967 Datasheet
111Kb / 7P
Printed-circuit board connector - MSTB 2,5/10-ST-5,08-LR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com