Electronic Components Datasheet Search
  English  ▼

X  

1809005 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1809005
Description  Printed-circuit board connector - MSTB 2,5/14-ST-5,08-LR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809005 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1809005 Datasheet HTML 1Page - PHOENIX CONTACT 1809005 Datasheet HTML 2Page - PHOENIX CONTACT 1809005 Datasheet HTML 3Page - PHOENIX CONTACT 1809005 Datasheet HTML 4Page - PHOENIX CONTACT 1809005 Datasheet HTML 5Page - PHOENIX CONTACT 1809005 Datasheet HTML 6Page - PHOENIX CONTACT 1809005 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1809005
06/30/2020   Page 2 / 7
Printed-circuit board connector - MSTB 2,5/14-ST-5,08-LR - 1809005
Technical data
Item properties
Number of potentials
14
Electrical parameters
Nominal current
12 A
Nom. voltage
320 V
Rated voltage
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Connection capacity
Connection method
Screw connection with tension sleeve
pluggable
Yes
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG / kcmil
24 ... 12
Conductor cross section flexible, with ferrule without plastic sleeve
0.25 mm² ... 2.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 2.5 mm²
2 conductors with same cross section, solid
0.2 mm² ... 1 mm²
2 conductors with same cross section, flexible
0.2 mm² ... 1.5 mm²
2 conductors with same cross section, flexible, with ferrule without
plastic sleeve
0.25 mm² ... 1 mm²
2 conductors with the same cross section, flexible, with TWIN ferrule
with plastic sleeve
0.5 mm² ... 1.5 mm²
Stripping length
7 mm
Torque
0.5 Nm ... 0.6 Nm
Flange specifications
Type of locking
Snap-in locking
Mounting flange
Lock & Release ejector lever
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
hot-dip tin-plated
Metal surface terminal point (top layer)
Tin (5 - 7 µm Sn)
Metal surface contact area (top layer)
Tin (5 - 7 µm Sn)
Material data - housing
Housing color
green (6021)
Insulating material
PA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com