Electronic Components Datasheet Search
  English  ▼

X  

HD404814FS Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # HD404814FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404814FS Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button HD404814FS Datasheet HTML 86Page - Renesas Technology Corp HD404814FS Datasheet HTML 87Page - Renesas Technology Corp HD404814FS Datasheet HTML 88Page - Renesas Technology Corp HD404814FS Datasheet HTML 89Page - Renesas Technology Corp HD404814FS Datasheet HTML 90Page - Renesas Technology Corp HD404814FS Datasheet HTML 91Page - Renesas Technology Corp HD404814FS Datasheet HTML 92Page - Renesas Technology Corp HD404814FS Datasheet HTML 93Page - Renesas Technology Corp HD404814FS Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
HD404818 Series
88
Electrical Characteristics for Low-Voltage Versions
HD40L4812, HD40L4814, HD40L4816, HD40L4818, and HD407L4818 Electrical Characteristics
DC Characteristics (HD40L4812, HD40L4814, HD40L4816, HD40L4818:
V
CC
= 2.7 to 6 V;
HD407L4818: V
CC = 3 to 5.5 V; GND = 0 V, Ta = –20°C to +75°C, unless otherwise specified)
Item
Symbol
Pin
Min
Typ
Max
Unit
Test Condition
Notes
Input high
voltage
V
IH
RESET,
SCK,
INT
0, SI, INT1
0.9V
CC
V
CC +
0.3
V
OSC
1
V
CC – 0.3
V
CC +
0.3
V
Input low
voltage
V
IL
RESET,
SCK,
INT
0, SI, INT1
–0.3
0.1V
CC
V
OSC
1
–0.3
0.3
V
Output high
voltage
V
OH
SCK, TIMO, SO
V
CC – 1.0
V
–I
OH = 0.5 mA
Output low
voltage
V
OL
SCK, TIMO, SO
0.4
V
I
OL = 0.4 mA
Input/output
leakage
current
|I
IL|
RESET,
SCK,
INT
0, INT1,
SI, SO, TIMO,
OSC
1
1
µAV
in = 0 V to VCC
1
Stop mode
retaining
voltage
V
STOP
V
CC
2
V
Without 32-kHz
oscillator
4
Current
dissipation in
active mode
I
CC1
V
CC
400
1000
µAV
CC = 3V,
f
OSC = 400 kHz
2
I
CC2
V
CC
1
2
mA
V
CC = 3 V,
f
OSC = 400 kHz,
analog input mode
(D
12/D13)
5
Current
dissipation in
standby
mode
I
SBY
V
CC
200
500
µAV
CC = 3 V
f
OSC = 400 kHz
3
Current
dissipation in
subactive
mode
I
SUB
V
CC
50
100
µAV
CC = 3 V,
LCD: On
35
70
µA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com