Electronic Components Datasheet Search
  English  ▼

X  

HD404814FS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD404814FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404814FS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD404814FS Datasheet HTML 19Page - Renesas Technology Corp HD404814FS Datasheet HTML 20Page - Renesas Technology Corp HD404814FS Datasheet HTML 21Page - Renesas Technology Corp HD404814FS Datasheet HTML 22Page - Renesas Technology Corp HD404814FS Datasheet HTML 23Page - Renesas Technology Corp HD404814FS Datasheet HTML 24Page - Renesas Technology Corp HD404814FS Datasheet HTML 25Page - Renesas Technology Corp HD404814FS Datasheet HTML 26Page - Renesas Technology Corp HD404814FS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
HD404818 Series
21
Table 3 Interrupt Conditions
Interrupt Source
Interrupt Control Bit
INT
0
INT
1
Timer A
Timer B
Timer C
Serial
IE
111
111
IF0
• IM0
100
000
IF1
• IM1
*
10
000
IFTA
• IMTA
**
1
000
IFTB
• IMTB
***
100
IFTC
• IMTC
***
*
10
IFS
• IMS
***
**
1
Note: *Don’t care.
Figure 7 shows the interrupt processing sequence, and figure 8 shows the interrupt processing flowchart. If
an interrupt is requested, the instruction being executed finishes in the first cycle. The IE is reset in the
second cycle. In the second and third cycles, the carry flag, status flag, and program counter are pushed
onto the stack. In the third cycle, the instruction is executed after jumping to the vector address.
In each vector address, program the JMPL instruction to branch to the starting address of the interrupt
program. The IF, which caused the interrupt, must be reset by software in the interrupt program.
Instruction
cycles
12
3
4
5
6
Instruction
execution
Stacking;
reset of IE
Interrupt
acceptance
JMPL instruction execution
on the vector address
Instruction
execution at
starting address
of the interrupt
routine
Stacking;
vector address
generated
Figure 7 Interrupt Processing Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com