Electronic Components Datasheet Search
  English  ▼

X  

ICS8534-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8534-01
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8534-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8534-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8534-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
8534AY-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 19, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8534-01
LOW SKEW, 1-TO-22
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8534-01 is a low skew, 1-to-22 Differen-
tial-to-3.3V LVPECL Fanout Buffer and a member
of the HiPerClockS™Family of High Performance
Clock Solutions from ICS.The ICS8534-01 has two
selectable clock inputs. The CLK, nCLK pair can
accept most standard differential input levels.The PCLK, nPCLK
pair can accept LVPECL, CML, or SSTL input levels. The de-
vice is internally synchronized to eliminate runt pulses on the
outputs during asynchronous assertion/deassertion of the OE
pin. The ICS8534-01’s low output and part-to-part skew char-
acteristics make it ideal for workstation, server, and other high
performance clock distribution applications.
FEATURES
• 22 differential LVPECL outputs
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency: 500MHz
• Output skew: 100ps (maximum)
• Translates any single-ended input signal (LVCMOS, LVTTL,
GTL) to LVPECL levels with resistor bias on nCLK input
• Additive phase jitter, RMS: 0.04ps (typical)
• 3.3V supply mode
• 0°C to 85°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
CLK
nCLK
PCLK
nPCLK
Q0:Q21
nQ0:nQ21
LE
Q
D
CLK_SEL
OE
0
1
22
22
64-Lead TQFP E-Pad
10mm x 10mm x 1.0mm package body
Y package
Top View
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1 2 3 4 5 6
7 8 9 10 11 12 13 14 15 16
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
ICS8534-01
VCCO
Q14
nQ14
Q15
nQ15
Q16
nQ16
Q17
nQ17
Q18
nQ18
Q19
nQ19
Q20
nQ20
VCCO
VCCO
nQ6
Q6
nQ5
Q5
nQ4
Q4
nQ3
Q3
nQ2
Q2
nQ1
Q1
nQ0
Q0
VCCO


Similar Part No. - ICS8534-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8534-01 IDT-ICS8534-01 Datasheet
1Mb / 20P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8534-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
logo
Integrated Device Techn...
ICS8534-01 IDT-ICS8534-01 Datasheet
1Mb / 20P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
8534-01 RENESAS-8534-01 Datasheet
707Kb / 22P
Low Skew, 1-to-22 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com