Electronic Components Datasheet Search
  English  ▼

X  

FTK84U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK84U
Description  POWER MOSFET P-CHANNEL 130mAmps,50Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK84U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK84U Datasheet HTML 1Page - First Silicon Co., Ltd FTK84U Datasheet HTML 2Page - First Silicon Co., Ltd FTK84U Datasheet HTML 3Page - First Silicon Co., Ltd FTK84U Datasheet HTML 4Page - First Silicon Co., Ltd FTK84U Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2015. 12. 18
2/5
FTK84U
Revision No : 0
●
ELECTRICAL CHARACTERISTICS (Ta= 25 )
OFF CHARACTERISTICS
Symbol
Min.
Typ. Max. Unit
V
(VGS = 0 Vdc, ID = 250μAdc)
50
–
–
μA
(VDS = 25 Vdc, VGS = 0 Vdc)
–
–
0.1
(VDS = 50 Vdc, VGS = 0 Vdc)
–
–
15
(VDS = 50 Vdc, VGS = 0 Vdc, TJ = 125°C)
–
–
60
nA
(VGS = ± 20 Vdc, VDS = 0 Vdc)
–
–
±10
ON CHARACTERISTICS (Note 1.)
V
(VDS = VGS, ID = 250μAdc)
0.8
–
2.0
Ohms
(VGS = 5.0 Vdc, ID = 100 mAdc)
–
5.0
10
mS
(VDS = 25Vdc, ID = 100mAdc, f = 1.0kHz)
50
–
–
DYNAMIC CHARACTERISTICS
Ciss
–
30
–
COss
–
10
–
CRss
–
5
–
SWITCHING CHARACTERISTICS (Note 2.)
Turn–On Delay Time
td(on)
–
2.5
–
Rise Time
tr
–
1
–
Turn–Off Delay Time
td(off)
–
16
–
Fall Time
tf
–
8
–
Gate Charge
QT
–
6000
–
pC
SOURCE–DRAIN DIODE CHARACTERISTICS
IS
–
–
0.13
ISM
–
–
0.52
VSD
–
2.5
–
V
1. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.
A
VBR(DSS)
ns
Zero Gate Voltage Drain Current
IDSS
Drain–to–Source Breakdown Voltage
Characteristic
Gate–Source Threaded Voltage
VGS(th)
Gate–Body Leakage Current
IGSS
Transfer Capacitance(VDG = 5.0 Vdc)
Pulsed Current
Static Drain–to–Source On–Resistance
RDS(on)
Continuous Current
(VDD = –15Vdc,
ID= –2.5Adc,RL=50Ω)
Forward Voltage (Note 2.)
Transfer Admittance
|yfs|
Input Capacitance(VDS = 5.0 Vdc)
pF
Output Capacitance(VDS = 5.0 Vdc)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com