Electronic Components Datasheet Search
  English  ▼

X  

FTK84U Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK84U
Description  POWER MOSFET P-CHANNEL 130mAmps,50Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK84U Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK84U Datasheet HTML 1Page - First Silicon Co., Ltd FTK84U Datasheet HTML 2Page - First Silicon Co., Ltd FTK84U Datasheet HTML 3Page - First Silicon Co., Ltd FTK84U Datasheet HTML 4Page - First Silicon Co., Ltd FTK84U Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2015. 12. 18
3/5
FTK84U
Revision No : 0
ELRCTRICAL CHARACTERISTICS CURVES
FIG.1 Transfer Characteristics
FIG.2 On-Region Characteristics
FIG.3 On-Resistance versus Drain Current
FIG.4 On-Resistance versus Drain Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate
-to-Source Voltage (V)
25℃
-55℃
150℃
VDS=10V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
1
2
3
4
5
6
7
8
9
10
VDS, Drain
-to-Source Voltage (V)
VGS=2.25V
VGS=2.5V
VGS=2.75V
VGS=3V
VGS=3.25V
VGS=3.5V
TJ=25℃
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
ID, Drain Current (A)
VGS=4.5V Tj=25℃
VGS=4.5V Tj=150℃
VGS=4.5V Tj=-55℃
VGS=4.5V
0
1
2
3
4
5
6
7
8
0
0.1
0.2
0.3
0.4
0.5
0.6
ID, Drain Current (A)
VGS=10V Tj=25℃
VGS=10V Tj=150℃
VGS=10V Tj=-55℃
VGS=10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com