Electronic Components Datasheet Search
  English  ▼

X  

FTK123 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK123
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK123 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK123 Datasheet HTML 1Page - First Silicon Co., Ltd FTK123 Datasheet HTML 2Page - First Silicon Co., Ltd FTK123 Datasheet HTML 3Page - First Silicon Co., Ltd FTK123 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT -23
3
1
2
Gate
Source
Drain
N-CHANNEL POWER MOSFET
DEVICE MARKING AND ORDERING INFORMATION
FTK123LT1G
SA
3000/Tape&Reel
FTK123LT3G
SA
10000/Tape&Reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
100
Vdc
Gate–Source Voltage
– Continuous
– Non–repetitive (tp
≤ 50µs)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current
Continuous (Note 1.)
Pulsed (Note 2.)
ID
IDM
0.17
0.68
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5
Board (Note 3.)
TA = 25 C
Derate above 25 C
PD
225
1.8
mW
mW/ C
Thermal Resistance, Junction to
Ambient
RθJA
556
C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
C
1. The Power Dissipation of the package may result in a lower continuous drain
current.
2. Pulse Wid
th ≤ 300µs, Duty Cycle ≤ 2.0%.
3. FR–5 = 1.0 X 0.75 X 0.062 in.
Device
Marking
Shipping
1
3
2
2007. 12. 18
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK123
Revision No : 0


Similar Part No. - FTK123

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
FTK1200 FLUKE-FTK1200 Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
logo
First Silicon Co., Ltd
FTK1206 FS-FTK1206 Datasheet
590Kb / 5P
P-Channel Power MOSFET
FTK1208 FS-FTK1208 Datasheet
629Kb / 5P
P-Channel MOSFET
FTK1216 FS-FTK1216 Datasheet
512Kb / 5P
P-Channel MOSFET
FTK12N65DD FS-FTK12N65DD Datasheet
427Kb / 7P
12 Amps, 650 Volts N-CHANNEL MOSFET
More results

Similar Description - FTK123

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com