Electronic Components Datasheet Search
  English  ▼

X  

FTK123 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK123
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK123 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK123 Datasheet HTML 1Page - First Silicon Co., Ltd FTK123 Datasheet HTML 2Page - First Silicon Co., Ltd FTK123 Datasheet HTML 3Page - First Silicon Co., Ltd FTK123 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
2007. 12. 18
3/4
FTK123
Revision No : 0
Figure 1. Ohmic Region
Figure 2. Transfer Characteristics
Figure 3. Temperature versus Static
Drain–Source On–Resistance
Figure 4. Temperature versus Gate
Threshold Voltage
-60
-20
+20
+60
+100
+140
-60
-20
+20
+60
+100
+140
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1.2
1.05
1.1
1.10
1.0
0.95
0.9
0.85
0.8
0.75
0.7
0
1.0
2.0
3.0
4.0
5.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6.0
7.0
8.0
9.0
10
0
1.0
2.0
3.0
4.0
5.0
1.0
0.8
0.6
0.4
0.2
6.0
7.0
8.0
9.0
10
VDS, DRAIN SOURCE VOLTAGE (VOLTS)
VGS, GATE SOURCE VOLTAGE (VOLTS)
T, TEMPERATURE( C)
T, TEMPERATURE( C)
TA=25 C
VGS=10V
9V
8V
7V
6V
5V
4V
3V
VDS=10V
-55 C
25 C
125 C
VDS=VGS
ID =1.0mA
VGS=10V
ID =200mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com