Electronic Components Datasheet Search
  English  ▼

X  

FTK1013 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK1013
Description  P-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1013 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK1013 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 5Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTK1013
2014. 01. 13
1/6
Revision No : 0
SOT-523
ORDERING INFORMATION
Device
Shipping
3000/Tape&Reel
FTK1013
Marking
MARKING DIAGRAM
B = Specific Device Code
M = Month Code
B
1
3
2
(Top View)
Drain
Gate
3
1
2
Source
B
FEATURES
TrenchFET Power MOSFET: 1.8-V Rated
Gate-Source ESD Protected: 2000 V
High-Side Switching
Low On-Resistance: 1.2Ω
Low Threshold: 0.8 V (typ)
Fast Switching Speed: 14 ns
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
P-Channel 1.8-V (G-S) MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25℃ UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
6
V
TA = 25℃
ID
-400
-350
TA = 85℃
ID
-300
-275
mA
Pulsed Drain Current
IDM
-1000
mA
Continuous Source Current (diode conduction)
IS
-275
-250
PD
275
250
mW
Maximum Power Dissipation
160
140
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Notes
d.
Pulse width limited by maximum junction temperature.
e.
Surface Mounted on FR4 Board.
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
Continuous Drain Current (TJ = 150℃)b
TA = 25℃
TA = 85℃


Similar Part No. - FTK1013

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK1013S FS-FTK1013S Datasheet
472Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
FTK1013SOT883 FS-FTK1013SOT883 Datasheet
459Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - FTK1013

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
07-Apr-03
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
13-Jun-05
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
12-Dec-05
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
P-Channel 1.8-V (G-S) MOSFET
24-Mar-08
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
P-Channel 1.8-V (G-S) MOSFET
31-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
12-Jun-06
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com