Electronic Components Datasheet Search
  English  ▼

X  

FTK1013 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1013
Description  P-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1013 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1013 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 5Page - First Silicon Co., Ltd FTK1013 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2014. 01. 13
2/6
Revision No : 0
FTK1013
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 A
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 4.5 V
1
2
A
VDS = –16 V, VGS = 0 V
–0.3
–100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V, TJ = 85 C
–5
A
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–700
mA
VGS = –4.5 V, ID = –350 mA
0.8
1.2
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –300 m A
1.2
1.6
DS(on)
VGS = –1.8 V, ID = –10 m A
1.8
2.7
Forward Transconductancea
gfs
VDS = –10 V, ID = –250 mA
0.4
S
Diode Forward Voltagea
VSD
IS = –150 mA, VGS = 0 V
–0.8
–1.2
V
Dynamicb
Total Gate Charge
Qg
1500
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –4.5 V, ID = –250 mA
150
pC
Gate-Drain Charge
Qgd
450
Turn-On Delay Time
td(on)
5
Rise Time
tr
VDD = –10 V, RL = 47
9
Turn-Off Delay Time
td(off)
VDD = –10 V, RL = 47
ID
–200 mA, VGEN = –4.5 V, RG = 10
35
ns
Fall Time
tf
11
Notes
a. Pulse test; pulse width
300 s, duty cycle
2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com