Electronic Components Datasheet Search
  English  ▼

X  

FTK3018 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK3018
Description  Silicon N-channel MOSFET 100mA, 30V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3018 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK3018 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 4Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2014. 04. 28
4/5
FTK3018
Revision No : 0
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Ta=25°C
Pulsed
VGS=4V
0V
Fig.10 Reverse drain current vs.
source-drain voltage ( ΙΙ )
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS (V)
0 5
0.2
0 5
1
2
5
10 20
50
5
10
20
Fig.11 Typical capacitance vs.
drain-source voltage
Ciss
Coss
Crss
Ta=25°C
f=1MHZ
VGS=0V
0.1
10
20
500
DRAIN CURRENT : ID (mA)
5
0.2
0.5 1
2
5
10 20 50
50
100
200
1000
2
100
Fig.12 Switching characteristics
(See Figures 13 and 14 for
the measurement circuit
and resultant waveforms)
Ta=25°C
VDD=5V
VGS=5V
RG=10Ω
Pulsed
td(off)
tr
td(on)
tf
Switching characteristics measurement circuit
Fig.13 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse width
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.14 Switching time waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com