Electronic Components Datasheet Search
  English  ▼

X  

FTK3018 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK3018
Description  Silicon N-channel MOSFET 100mA, 30V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3018 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK3018 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 4Page - First Silicon Co., Ltd FTK3018 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2014. 04. 28
2/5
FTK3018
Revision No : 0
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
IGSS
V(BR)DSS
IDSS
VGS( h)
RDS(on)
RDS(on)
Ciss
|Yfs |
Coss
Crss
Min.
−
30
−
0.8
−
−
20
−
−
−
−
−
−
5
13
−
9
4
±
1
−
1
1.5
8
−
7
13
−
−
−
−
µ
A
VGS = ±20V, VDS = 0V
ID = 10µA, VGS = 0V
VDS = 30V, VGS = 0V
VDS = 3V, ID = 100µA
ID = 10mA, VGS = 4V
ID = 1mA, VGS = 2.5V
VDS = 5V
VDS = 3V, ID = 10mA
VGS = 0V
f = 1MHz
V
µ
A
V
Ω
Ω
pF
mS
pF
pF
td(on)
−
15
−
ID = 10mA, VDD 5V
ns
tr
−
35
−
VGS = 5V
ns
td(off)
−
80
−
RL = 500Ω
ns
tr
−
80
−
RG = 10Ω
ns
Typ.
Max.
Unit
Conditions
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Static drain-source on-state
resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com