Electronic Components Datasheet Search
  English  ▼

X  

FTK0102 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FTK0102
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0102 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK0102 Datasheet HTML 1Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 2Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 3Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 4Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 5Page - First Silicon Co., Ltd FTK0102 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOT-23 Package Information
Notes
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Dimensions in Millimeters
Symbol
.
X
A
M
.
N
I
M
0
5
1
.
1
0
0
9
.
0
A
0
0
1
.
0
0
0
0
.
0
1
A
0
5
0
.
1
0
0
9
.
0
2
A
0
0
5
.
0
0
0
3
.
0
b
0
5
1
.
0
0
8
0
.
0
c
0
0
0
.
3
0
0
8
.
2
D
0
0
4
.
1
0
0
2
.
1
E
0
5
5
.
2
0
5
2
.
2
1
E
P
Y
T
0
5
9
.
0
e
0
0
0
.
2
0
0
8
.
1
1
e
F
E
R
0
5
5
.
0
L
0
0
5
.
0
0
0
3
.
0
1
L
θ
°
8
°
0
2018. 05. 29
6/6
Revision No : 0
FTK0102



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com