Electronic Components Datasheet Search
  English  ▼

X  

FTK0966D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK0966D
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0966D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK0966D Datasheet HTML 1Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 2Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 3Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 4Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2017. 05. 10
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK0966D
Revision No : 0
100V N-Channel MOSFETs
BVDSS
RDSON
ID
100V
18m
Ω
45A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 100V,45A, RDS(ON) =18
mΩ@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Applications
Absolute Maximum Ratings Tc=25 unless otherwise noted
Thermal Characteristics
TO-252 Pin Configuration
G
D
S
 Notebook
 Load Switch
 LED applications
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance
Junction to ambient
---
62
℃/W
RθJC
Thermal Resist
ance Junction to Case
---
1.22
℃/W
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Sou
rce Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
45
A
Drain Current – Continuous (TC=100℃)
28
A
IDM
Drain Current – Pulsed1
180
A
EAS
Single Pulse Avalanche Energy2
45
m
J
IAS
Single Pulse Avalanche Current2
30
A
PD
Power Dissipation (TC=25℃)
102
W
Power Dissipation – Derate above 25℃
0.82
W/℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating
Junction Temperature Range
-50 to 150
℃


Similar Part No. - FTK0966D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK0966 FS-FTK0966 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0966AD FS-FTK0966AD Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0966P FS-FTK0966P Datasheet
1Mb / 5P
100V N-Channel MOSFETs
2018. 12. 10
FTK0966X FS-FTK0966X Datasheet
893Kb / 5P
General Description
More results

Similar Description - FTK0966D

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD09N66 BWTECH-MSD09N66 Datasheet
586Kb / 6P
100V N-Channel MOSFETs
MSC09N74X BWTECH-MSC09N74X Datasheet
600Kb / 6P
100V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK0906T FS-FTK0906T Datasheet
1,010Kb / 5P
100V N-Channel MOSFETs
FTK0954T FS-FTK0954T Datasheet
876Kb / 5P
100V N-Channel MOSFETs
FTK0970P FS-FTK0970P Datasheet
998Kb / 5P
100V N-Channel MOSFETs
FTK0976 FS-FTK0976 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0976F FS-FTK0976F Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0980DD FS-FTK0980DD Datasheet
853Kb / 5P
100V N-Channel MOSFETs
FTK0966AD FS-FTK0966AD Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0974DFN56 FS-FTK0974DFN56 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com