Electronic Components Datasheet Search
  English  ▼

X  

FTK0966D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK0966D
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0966D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK0966D Datasheet HTML 1Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 2Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 3Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 4Page - First Silicon Co., Ltd FTK0966D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2017.5. 10
2/5
FTK0966D
Revision No : 0
Electrical Characteristics (TJ=25
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
100
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.05
---
V/℃
IDSS
Drain-Source Leakage Current
VDS=100V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=80V , VGS=0V , TJ=125℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=± 20V , VDS=0V
---
---
±
100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=25A
---
15
18
mΩ
VGS=6V , ID=15A
---
17
22
mΩ
VGS=4.5V , ID=6A
---
25
38
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1
2
3
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-5
---
mV/℃
gfs
Forward Transconductance
VDS=10V , ID=3A
---
10
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3 , 4
VDS=50V , VGS=10V , ID=5A
---
36.8
68
nC
Qgs
Gate-Source Charge3 , 4
---
9.3
18
Qgd
Gate-Drain Charge3 , 4
---
9.8
19
Td(on)
Turn-On Delay Time3 , 4
VDD=50V , VGS=10V , RG=6Ω
ID=1A
---
20
40
ns
Tr
Rise Time3 , 4
---
15
30
Td(off)
Turn-Off Delay Time3 , 4
---
45
80
Tf
Fall Time3 , 4
---
21
40
Ciss
Input Capacitance
VDS=50V , VGS=0V , F=1MHz
---
1820
3300
pF
Coss
Output Capacitance
---
170
340
Crss
Reverse Transfer Capacitance
---
90
180
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
1.35
2.6
Ω
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
45
A
ISM
Pulsed Source Current
---
---
90
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
trr
Reverse Recovery Time3
IS=1A , dI/dt=100A/µs TJ=25℃
---
---
---
ns
Qrr
Reverse Recovery Charge3
---
---
---
nC
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=50V,VGS=10V,L=0.1mH,IAS=30A.,RG=25Ω, Starting TJ=25℃.
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com