Electronic Components Datasheet Search
  English  ▼

X  

FTK1206 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1206
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1206 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1206 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2014.10. 10
2/5
FTK1206
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-12
Gate-source threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.5
-0.9
V
Gate-source leakage
IGSS
VDS =0V, VGS =±8V
±100
nA
Zero gate voltage drain current
IDSS
VDS =-8V, VGS =0V
-1
µA
VGS =-4.5V, ID =-3.5A
30
45
VGS =-2.5V, ID =-3A
40
60
Drain-source on-state resistance
a
RDS(on)
VGS =-1.8V,ID=-2.0A
60
90
m
Ω
Forward transconductancea
gfs
VDS =-5V, ID =-4.1A
6
S
Dynamic
Input capacitanceb,c
Ciss
740
Output capacitanceb,c
Coss
290
Reverse transfer capacitanceb,c
Crss
VDS =-4V,VGS =0V,f =1MHz
190
pF
VDS =-4V,VGS =-4.5V,
ID =-4.1A
7.8
15
Total gate chargeb
Qg
4.5
9
Gate-source chargeb
Qgs
1.2
Gate-drain chargeb
Qgd
VDS =-4V,VGS =-2.5V,
ID =-4.1A
1.6
nC
Gate resistanceb,c
Rg
f =1MHz
1.4
7
14
Ω
Turn-on delay timeb,c
td(on)
13
20
Rise timeb,c
tr
35
53
Turn-off Delay timeb,c
td(off)
32
48
Fall timeb,c
tf
VDD=-4V,
RL=1.2Ω, ID ≈-3.3A,
VGEN=-4.5V,Rg=1Ω
10
20
Turn-on delay timeb,c
td(on)
5
10
Rise timeb,c
tr
11
17
Turn-off delay timeb,c
td(off)
22
33
Fall timeb,c
tf
VDD=-4V,
RL=1.2Ω, ID ≈-3.3A,
VGEN=-8V,Rg=1Ω
16
24
ns
Drain-source body diode characteristics
Continuous source-drain diode current
IS
-6
Pulse diode forward currenta
ISM
-20
A
Body ciode voltage
VSD
IF=-3.3A
-1.2
V
Note :
a. Pulse Test ; Pulse Width ≤300µs, Duty Cycle ≤2%.
b. Guaranteed by design, not subject to production testing.
c. These parameters have no way to verify.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com