Electronic Components Datasheet Search
  English  ▼

X  

FTK1206 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK1206
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1206 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK1206 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1206 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2014.10. 10
3/5
FTK1206
Revision No : 0
-0.4
-0.8
-1.2
-1.6
-2.0
-0.1
-1
-10
-0
-1
-2
-3
-4
-0
-4
-8
-12
-16
-0
-2
-4
-6
-8
-10
-12
0
60
120
180
6
-
4
-
2
-
0
-
0
50
100
150
200
-0.0
-0.5
-1.0
-1.5
-2.0
-0
-1
-2
-3
-4
-5
25
50
75
100
125
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
T
a
=100℃
Pulsed
V
SD
I
S ——
T
a
=25℃
Pulsed
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
= -4.5V、 -4V、 -3.5V、-3V、-2.5V
Output Characteristics
V
GS
=-1.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
VGS=-4 5V
VGS=-2.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
VGS=-1.8V
T
a
=25℃
Pulsed
I
D
=-3.3A
T
a
=100℃
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
T
a
=100℃
Pulsed
T
a
=25℃
Pulsed
V
DS
=-3V
V
GS
=-2V
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
I
D
=-250uA
Threshold Voltage
AMBIENT TEMPERATURE
T
a
( )
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com