Electronic Components Datasheet Search
  English  ▼

X  

FTK1208 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK1208
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1208 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK1208 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2014. 10. 10
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK1208
Revision No : 0
P-Channel MOSFET
FEATURE
MARKING:
Equivalent Circuit
DFNWB2
2-6L-J
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
U
nit
Drain-Source Voltage
VDS
-12
Gate-Source Voltage
VGS
±8
V
Drain Current-Continuous
ID
-8
Drain Current-Pulsed
IDM
-28
A
Thermal Resistance from Junction to Ambient
RθJA
357
℃/W
Junction Temperature
Tj
0
5
1
Storage Temperature
TSTG
-55 ~+150
℃
*Repetitive rating:Pluse width limited by junction temperature.
*
APPLICATION
PWM application
Load switch
Battery charge in cellular handset
Advanced trench MOSFET process technology
Ultra low on-resistance with low gate charge
V(BR)DSS
RDS(on) MAX
ID
-12V
28m
Ω@-4.5V
-8A
32m
Ω@-3.7V
40m
Ω@-2.5V
63m
Ω@-1.8V
150m
Ω@-1.5V


Similar Part No. - FTK1208

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
FTK1200 FLUKE-FTK1200 Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
logo
First Silicon Co., Ltd
FTK1206 FS-FTK1206 Datasheet
590Kb / 5P
P-Channel Power MOSFET
More results

Similar Description - FTK1208

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com