Electronic Components Datasheet Search
  English  ▼

X  

FTK1208 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1208
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1208 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1208 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1208 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2014.10. 10
2/5
FTK1208
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-12
V
Zero gate voltage drain current
IDSS
VDS =-12V,VGS = 0V
-1
µA
Gate-body leakage current
IGSS
VGS =±8V, VDS = 0V
±0.1
µA
Gate threshold voltage (note 1)
VGS(th)
VDS =VGS, ID =-250µA
-0.4
-1
V
VGS =-4.5V, ID =-5A
28
VGS =-3.7V, ID =-4.6A
32
VGS =-2.5V, ID =-4.3A
40
VGS =-1.8V, ID =-1A
63
Drain-source on-resistance (note 1)
RDS(on)
VGS =-1.5V, ID =-0.5A
150
mΩ
Forward tranconductance (note 1)
gFS
VDS =-5V, ID =-5A
18
S
Dynamic
characteristics (note 2)
Input Capacitance
Ciss
1275
pF
Output Capacitance
Coss
255
pF
Reverse Transfer Capacitance
Crss
VDS =-6V,VGS =0V,f =1MHz
236
pF
Gate resistance
Rg
f =1MHz
1.9
19
Ω
Total Gate Charge
Qg
14
21
nC
Gate-Source Charge
Qgs
2.3
nC
Gate-Drain Charge
Qgd
VDS =-6V,VGS =-4.5V,ID=-5A
3.6
nC
Turn-on delay time
td(on)
26
40
ns
Turn-on rise time
tr
24
40
ns
Turn-off delay time
td(off)
45
70
ns
Turn-off fall time
tf
VDD=-6V,VGEN=-4.5V,ID=-4A
RL=6Ω,RGEN=1Ω
20
35
ns
Source-Drain Diode characteristics
Diode forward current
IS
-8
A
Diode pulsed forward current
ISM
-28
A
Diode Forward voltage (note 1)
VDS
VGS =0V, IS=-4A
-1.2
V
Diode reverse recovery time (note 2)
trr
24
48
ns
Diode reverse recovery charge (note 2)
Qrr
IF=-4A
,dI/dt=100A/µs
8
16
nC
Notes :
1. Pulse test; pulse width≤300μs, duty cycle≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com