Electronic Components Datasheet Search
  English  ▼

X  

FTK1480 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK1480
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1480 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK1480 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G
D
S
SOT–323
20V P-Channel Enhancement-Mode MOSFET
1
3
2
2019. 11. 07
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK1480
Revision No : 1
1
3
2
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
±8.0
V
Continuous Drain Current
ID
4
.
1
-
Pulsed Drain Current (tp
I
)
s
µ
0
1
=
DM
-3.0
A
Power Dissipation (Note 1)
PD
W
9
2
.
0
Thermal Resistance from Junction to Ambient
RθJA
3
4 1
℃/W
Junction Temperature
TJ
0
5
1
Storage Temperature
Tstg
-50 ~+150
℃
1. FEATURES
●
V(BR)DSS=-20V
RDS(O
N)≤255mΩ@VGS =-4.5V,ID=-1.0A
RDS(O
N)≤355mΩ@VGS =-2.5V,ID=-0.5A
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
2. APPLICATIONS
●
Power Management in Note book
●
Portable Equipment
●
Battery Powered System
●
Load Switch
●
DSC
3. DEVICE MARKING AND RESISTOR VALUES
Shipping
3000/Tape&Reel
Device
Marking
FTK1480
W14
4. MAXIMUM RATINGS(Ta = 25ºC)
Note 1. FR–4 @ Minimum Pad.


Similar Part No. - FTK1480

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK1482 FS-FTK1482 Datasheet
671Kb / 5P
30V N-Channel Enhancement-Mode MOSFET
More results

Similar Description - FTK1480

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com