Electronic Components Datasheet Search
  English  ▼

X  

FTK1480 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1480
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1480 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1480 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1480 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2019. 11. 07
2/5
FTK1480
Revision No : 1
5. ELECTRICAL CHARACTERISTICS (Ta= 25℃)
OFF CHARACTERISTICS
Characteristic
Drain-Source Voltage
(ID =-250µA, VGS =0V)
Zero Gate Voltage Drain Current
(VDS = -16V, VGS =0V)
Gate-body Leakage Current
(VDS =0V, VGS =±8V)
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS =VGS , ID =-250µA)
Static Drain-Source On resistance
(VGS = -4.5V,ID= -1.0A )
(VGS = -2.5V,ID= -0.5A )
(VGS = -1.8V,ID= -0.3A )
Dynamic
Transconductance
(VDS = -10V, ID = -1A )
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Gate Resistance
(VDS =0V, VGS =0V, f=1MHz )
Switching
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Turn-On Delay Time
Turn-On Rise Time
Turn-Off Delay Time
Turn-Off Fall Time
Source Drain Diode
Diode Forward Voltage
(IS = -1A, VGS =0V)
Maximum Body-diode Continuous Current
Body-diode Reverse Recovery Time
(Is = -1.0A, di/dt=100A/µs)
Body-diode Reverse Recovery Charge
(Is = -1.0A, di/dt=100A/µs)
V
A
ns
nC
VSD
Is
trr
Qrr
-
-0.79
-1.2
-
-
-1
-
30
-
-
12
-
-
-
-
-
8
6
42
7
ns
pF
Rg
-
12
-
(VGS = -4.5V,
ID = -1.2A, VDS
= -10V)
Qg
-
6.5
-
Qgs
-
0.3
-
Qgd
-
0.7
-
nC
-
51
-
mΩ
gFS
4
6
-
S
-
58
-
-
110
255
-
150
355
-
190
Ciss
Coss
Crss
-
480
-
405
µA
nA
Symbol
(VDS = -10V,
VGS =0V,
f=1MHz)
(VGS = -4.5V,
VDS = -10V,
ID = -1.2A,
RGEN =6
)
tD(on)
tr
tD(off)
tf
-
-
-
-
-0.4
-0.6
IDSS
-
-
-1
Typ.
Max.
Unit
V(BR)DSS
V
-20
-
-
Min.
V
RDS(ON)
IGSS
-
-
±100
VGS(th)
-1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com