Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7208
Description  TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 28Page - Texas Instruments TMUX7208 Datasheet HTML 29Page - Texas Instruments TMUX7208 Datasheet HTML 30Page - Texas Instruments TMUX7208 Datasheet HTML 31Page - Texas Instruments TMUX7208 Datasheet HTML 32Page - Texas Instruments TMUX7208 Datasheet HTML 33Page - Texas Instruments TMUX7208 Datasheet HTML 34Page - Texas Instruments TMUX7208 Datasheet HTML 35Page - Texas Instruments TMUX7208 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
10 Power Supply Recommendations
The TMUX7208 operates across a wide supply range of of ±4.5 V to ±22 V (4.5 V to 44 V in single-supply
mode). The device also perform well with asymmetrical supplies such as VDD = 12 V and VSS = –5 V.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the supply rails
to other components. Good power-supply decoupling is important to achieve optimum performance. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF at both the VDD
and VSS pins to ground. Place the bypass capacitors as close to the power supply pins of the device as possible
using low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer
low equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling
purposes. For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias for
connecting the capacitors to the device pins may offer superior noise immunity. The use of multiple vias in
parallel lowers the overall inductance and is beneficial for connections to ground and power planes. Always
ensure the ground (GND) connection is established before supplies are ramped.
TMUX7208, TMUX7209
SCDS418 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com