Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7208
Description  TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7208 Datasheet HTML 1Page - Texas Instruments TMUX7208 Datasheet HTML 2Page - Texas Instruments TMUX7208 Datasheet HTML 3Page - Texas Instruments TMUX7208 Datasheet HTML 4Page - Texas Instruments TMUX7208 Datasheet HTML 5Page - Texas Instruments TMUX7208 Datasheet HTML 6Page - Texas Instruments TMUX7208 Datasheet HTML 7Page - Texas Instruments TMUX7208 Datasheet HTML 8Page - Texas Instruments TMUX7208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
1 Features
• Latch-Up Immune
• Dual Supply Range: ±4.5 V to ±22 V
• Single Supply Range: 4.5 V to 44 V
• Low On-Resistance: 4 Ω
• Low Charge Injection: 3 pC
• High current support: 300 mA (max)
• –40°C to +125°C Operating Temperature
• 1.8 V Logic Compatible Inputs
• Fail-Safe Logic
• Rail-to-Rail Operation
• Bidirectional Signal Path
• Break-Before-Make Switching
2 Applications
• Factory Automation and Control
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• Semiconductor Test Equipment
• Battery Test Equipment
• Ultrasound Scanners
• Patient Monitoring and Diagnostics
• Optical Networking
• Optical Test Equipment
• Wired Networking
• Data Acquisition Systems (DAQ)
3 Description
The TMUX7208 is a precision 8:1, single channel
multiplexer featuring low on resistance and charge
injection. The TMUX7208 takes one of the eight
inputs and connects it to the common output
determined by the state of the enable and address
pins. The device works with a single supply (4.5 V to
44 V), dual supplies (±4.5 V to ±22 V), or asymmetric
supplies (such as VDD = 12 V, VSS = –5 V). The
TMUX7208 supports bidirectional analog and digital
signals onthe source (Sx) and drain (D) pins ranging
from VSS to VDD.
The TMUX7208 is part of the precision switches and
multiplexers family of devices and have very low on
and off leakage currents allowing them to be used in
high
precision
measurement
applications.
The
TMUX72xx
family
provides
latch-up
immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7208
TSSOP
5.00 mm × 4.40 mm
WQFN
4.00 mm × 4.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
SW
SW
S1
S2
D
VDD
VSS
TMUX7208
SW
S8
Logic Decoder
A0
A1
A2
EN
Simplified Block Diagram
www.ti.com
TMUX7208, TMUX7209
SCDS418 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX7208 TMUX7209
TMUX7208, TMUX7209
SCDS418 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX7208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
3Mb / 52P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX7208 TI2-TMUX7208 Datasheet
3Mb / 51P
TMUX720x 44V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8V Logic
REVISED JULY 2024
TMUX7208M TI1-TMUX7208M Datasheet
1Mb / 35P
TMUX7208M 44V, Latch-Up Immune, 8:1, 1-Channel Precision Multiplexers with 1.8V Logic
JANUARY 2024
More results

Similar Description - TMUX7208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7208 TI-TMUX7208_V01 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V02 Datasheet
3Mb / 51P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX7208 TI-TMUX7208_V03 Datasheet
3Mb / 52P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX7219M TI-TMUX7219M Datasheet
1Mb / 38P
TMUX7219M 44-V, Latch-Up Immune, Extended Temperature, 2:1 (SPDT) Precision Switch with 1.8-V Logic
MAY 2022
TMUX7219 TI-TMUX7219_V01 Datasheet
1Mb / 43P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7219 TI-TMUX7219_V02 Datasheet
2Mb / 46P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com