Electronic Components Datasheet Search
  English  ▼

X  

SCN2C60 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCN2C60
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCN2C60 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCN2C60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-50
0
50
100
150
0.0
0.4
0.8
1.2
1.6
2.0
Junction Temperature [
oC]
-50
0
50
100
150
0.5
1.0
1.5
Junction Temperature [
oC]
10
-1
10
0
10
1
10
2
10
3
10
4
0.01
0.1
1
Time (msec)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
T
J = 25
oC
T
J = 125
oC
Instantaneous On-State Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
140
θ = 180
o
Average On-State Current [A]
10
-1
10
0
10
1
10
2
10
3
10
4
10
-1
10
0
10
1
V
GD(0.2V)
25 ℃
P
G(AV) (0.1W)
P
GM (2W)
V
GM (5V)
Gate Current [mA]
SCN2C60
3/5
Fig 1. Gate Characteristics
Fig 2. Maximum Case Temperature
Fig 3. Typical Forward Voltage
Fig 4. Thermal Response
θ : Conduction Angle
360°
θ
2
ππ
Fig 6. Typical Gate Trigger Current vs.
Junction Temperature
Fig 5. Typical Gate Trigger Voltage vs.
Junction Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com