Electronic Components Datasheet Search
  English  ▼

X  

SCN2C60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCN2C60
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCN2C60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCN2C60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCN2C60 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
Half Sine Wave : TC = 45 °C
1.0
A
IT(RMS)
R.M.S On-State Current
All Conduction Angle
1.5
A
ITSM
Surge On-State Current
1/2 Cycle, 60Hz, Sine Wave
Non-Repetitive
15
A
I2t
I2t for Fusing
t = 8.3ms
0.9
A2s
PGM
Forward Peak Gate Power Dissipation
TA=25°C, Pulse Width ≤ 1.0㎲
2W
PG(AV)
Forward Average Gate Power Dissipation
TA=25°C, t = 8.3ms
0.1
W
IFGM
Forward Peak Gate Current
1
A
VRGM
Reverse Peak Gate Voltage
5.0
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
SCN2C60
Oct, 2002. Rev. 2
Features
◆
Repetitive Peak Off-State Voltage : 600V
◆
R.M.S On-State Current ( IT(RMS)= 1.5 A )
◆
Low On-State Voltage (1.2V(Typ.)@ITM)
General Description
Sensitive triggering SCR is suitable for the application where
gate current limited such as small motor control, gate driver
for large SCR, sensing and detecting circuits.
2. Gate
1. Cathode
Symbol
○
○
1/5
SemiWell Semiconductor
Sensitive Gate
Silicon Controlled Rectifiers
TO-92
○
3. Anode
Copyright@SemiWell Semiconductor Co., Ltd., All rights are reserved.


Similar Part No. - SCN2C60

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - SCN2C60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com