Electronic Components Datasheet Search
  English  ▼

X  

FTK2303 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK2303
Description  P-Channel 30V(D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2303 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK2303 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2303 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2303 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2303 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018. 07. 02
4/4
FTK2303
Revision No : 1
SOT-23 PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
DIM MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
L
L
P
P
P
7
+_



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com