Electronic Components Datasheet Search
  English  ▼

X  

FTK2303 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2303
Description  P-Channel 30V(D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2303 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2303 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2303 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2303 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2303 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2018. 07. 02
3/4
FTK2303
Revision No : 1
Typical Characteristics
3
-
2
-
1
-
0
-
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.1
-1
-10
-0
-1
-2
-3
-4
-5
-0
-4
-8
-12
-16
-20
-0
-4
-8
-12
-16
-20
50
100
150
200
250
300
-0
-4
-8
-12
-16
-20
0
100
200
300
400
500
Ta =25℃
Pulsed
Ta =25℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
Ta =25℃
Pulsed
-3
-0.3
V
SD
I
S ——
SOURCE TO DRA N VOLTAGE V
SD
(V)
-10V
-8.0V
-6.0V
-4 5V
-4.0V
-3 5V
V
GS=-3 0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Ta =25℃
Pulsed
V
GS=-4 5V
V
GS=-10V
DRA N CURRENT I
D
(A)
Ta =25℃
Pulsed
I
D=-1.9A
I
D
R
DS(ON)
——
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com