Electronic Components Datasheet Search
  English  ▼

X  

RA2L1 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RA2L1
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L1 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RA2L1 Datasheet HTML 35Page - Renesas Technology Corp RA2L1 Datasheet HTML 36Page - Renesas Technology Corp RA2L1 Datasheet HTML 37Page - Renesas Technology Corp RA2L1 Datasheet HTML 38Page - Renesas Technology Corp RA2L1 Datasheet HTML 39Page - Renesas Technology Corp RA2L1 Datasheet HTML 40Page - Renesas Technology Corp RA2L1 Datasheet HTML 41Page - Renesas Technology Corp RA2L1 Datasheet HTML 42Page - Renesas Technology Corp RA2L1 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
Note 1. The sub-clock oscillator or LOCO itself continues oscillating in Software Standby mode during Subosc-speed mode.
Oscillator
ICLK
IRQ
Software Standby mode
tSBYSC, tSBYLO
Oscillator
ICLK
IRQ
Software Standby mode
tSBYMC, tSBYEX,
tSBYMO, tSBYHO
Figure 2.10
Software Standby mode cancellation timing
Table 2.25
Timing of recovery from low power modes (5)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time from Software
Standby mode to Snooze
mode
High-speed mode
System clock source is
HOCO
tSNZ
—
4.1
5.2
µs
Figure 2.11
Middle-speed mode
System clock source is
HOCO (24 MHz)
VCC = 1.8 V to 5.5 V
tSNZ
—
4.2
5.3
µs
Middle-speed mode
System clock source is
HOCO (24 MHz)
VCC = 1.6 V to 1.8 V
tSNZ
—
8.3
10
µs
Low-speed mode
System clock source is
MOCO (2 MHz)
tSNZ
—
6.7
8.0
µs
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 39 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com