Electronic Components Datasheet Search
  English  ▼

X  

RX110 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RX110 Datasheet HTML 45Page - Renesas Technology Corp RX110 Datasheet HTML 46Page - Renesas Technology Corp RX110 Datasheet HTML 47Page - Renesas Technology Corp RX110 Datasheet HTML 48Page - Renesas Technology Corp RX110 Datasheet HTML 49Page - Renesas Technology Corp RX110 Datasheet HTML 50Page - Renesas Technology Corp RX110 Datasheet HTML 51Page - Renesas Technology Corp RX110 Datasheet HTML 52Page - Renesas Technology Corp RX110 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 49 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2. Clock supply to the peripheral functions is stopped. The clock source is HOCO. FCLK and PCLK are set to divided by 64.
Note 3. Clocks are supplied to the peripheral functions. The clock source is HOCO. FCLK and PCLK are set to the same frequency as
ICLK.
Note 4. Values when VCC = 3.3 V.
Note 5. Clock supply to the peripheral functions is stopped. The clock source is the main oscillation circuit when ICLK = 12 MHz and
HOCO when ICLK = 8 or 1 MHz. FCLK and PCLK are set to divided by 64.
Note 6. Clocks are supplied to the peripheral functions. The clock source is the main oscillation circuit when ICLK = 12 MHz and HOCO
when ICLK = 8 or 1 MHz. FCLK and PCLK are set to the same frequency as ICLK.
Note 7. Clock supply to the peripheral functions is stopped. The clock source is the sub-clock oscillator. FCLK and PCLK are set to
divided by 64.
Note 8. Clocks are supplied to the peripheral functions. The clock source is the sub-clock oscillator. FCLK and PCLK are set to the
same frequency as ICLK.
Note 9. Values when the MSTPCRA.MSTPA17 bit (12-bit A/D converter module stop bit) is set to “transition to the module stop state is
made”.
Figure 5.1
Voltage Dependency in High-Speed Operating Mode (Reference Data)
Supply
current*1
Low-speed
operating mode
Normal
operating
mode
No peripheral operation*7
ICLK = 32.768 kHz
ICC
3.9
—
μA
All peripheral operation:
Normal*8, *9
ICLK = 32.768 kHz
10.4
—
All peripheral operation:
Max.*8, *9
ICLK = 32.768 kHz
—
36
Sleep mode
No peripheral operation*7
ICLK = 32.768 kHz
2.1
—
All peripheral operation:
Normal*8
ICLK = 32.768 kHz
5.6
—
Deep sleep
mode
No peripheral operation*7
ICLK = 32.768 kHz
1.7
—
All peripheral operation:
Normal*8
ICLK = 32.768 kHz
3.9
—
Table 5.7
DC Characteristics (5) (2/2)
Conditions:
1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ
*4
Max
Unit
Test
Conditions
0
2
4
6
8
10
12
14
16
18
1.5
2.0
2.5
3.0
3.5
4.0
VCC (V)
Ta = 85/105°C, ICLK = 32 MHz
*2
Note 1. All peripheral operation is normal. Average value of the tested middle samples during product evaluation.
Note 2. All peripheral operation is maximum. Average value of the tested upper-limit samples during product
evaluation.
Ta = 25°C, ICLK = 32 MHz
*1
Ta = 85/105°C, ICLK = 16 MHz
*2
Ta = 85/105°C, ICLK = 8 MHz
*2
Ta = 25°C, ICLK = 16 MHz
*1
Ta = 25°C, ICLK = 8 MHz
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com