Electronic Components Datasheet Search
  English  ▼

X  

RX110 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RX110 Datasheet HTML 60Page - Renesas Technology Corp RX110 Datasheet HTML 61Page - Renesas Technology Corp RX110 Datasheet HTML 62Page - Renesas Technology Corp RX110 Datasheet HTML 63Page - Renesas Technology Corp RX110 Datasheet HTML 64Page - Renesas Technology Corp RX110 Datasheet HTML 65Page - Renesas Technology Corp RX110 Datasheet HTML 66Page - Renesas Technology Corp RX110 Datasheet HTML 67Page - Renesas Technology Corp RX110 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 64 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Note 1. Time until the clock can be used after the main clock oscillator stop bit (MOSCCR.MOSTP) is set to 0 (operating) when the
external clock is stable.
Note 2. Reference values when an 8-MHz oscillator is used.
When specifying the main clock oscillator stabilization time, set the MOSCWTCR register with a stabilization time value that is
equal to or greater than the oscillator-manufacturer-recommended value.
After changing the setting of the MOSCCR.MOSTP bit so that the main clock oscillator operates, read the OSCOVFSR.MOOVF
flag to confirm that is has become 1, and then start using the main clock.
Note 3. After changing the setting of the SOSCCR.SOSTP bit or RCR3.RTCEN bit so that the sub-clock oscillator operates, only start
using the sub-clock after the sub-clock oscillation stabilization wait time that is equal to or greater than the oscillator-
manufacturer-recommended value has elapsed.
Reference value when a 32.768-kHz resonator is used.
Note 4. Only 32.768 kHz can be used.
Figure 5.18
XTAL External Clock Input Timing
Table 5.22
Clock Timing
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
XTAL external clock input cycle time
tXcyc
50
——
ns
Figure 5.18
XTAL external clock input high pulse width
tXH
20
——
ns
XTAL external clock input low pulse width
tXL
20
——
ns
XTAL external clock rising time
tXr
——
5ns
XTAL external clock falling time
tXf
——
5ns
XTAL external clock input wait time*1
tEXWT
0.5
——
µs
Main clock oscillator oscillation frequency
2.4
≤ VCC ≤ 3.6
fMAIN
1
—
20
MHz
1.8
≤ VCC < 2.4
1
—
8
Main clock oscillation stabilization time (crystal)*2
tMAINOSC
—
3—
ms
Figure 5.20
Main clock oscillation stabilization time (ceramic resonator)*2
tMAINOSC
—
50
µs
LOCO clock oscillation frequency
fLOCO
3.44
4.0
4.56
MHz
LOCO clock oscillation stabilization time
tLOCO
——
0.5
µs
Figure 5.21
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
IWDT-dedicated clock oscillation stabilization time
tILOCO
——
50
μs
Figure 5.19
HOCO clock oscillation frequency
fHOCO
31.52
32
32.48
MHz
Ta = –40 to 85°C
31.68
32
32.32
Ta = –20 to 85°C
31.36
32
32.64
Ta = –40 to 105°C
HOCO clock oscillation stabilization time
tHOCO2
——
56
µs
Figure 5.23
Sub-clock oscillator oscillation frequency*4
fSUB
—
32.768
—
kHz
Sub-clock oscillation stabilization time*3
tSUBOSC
—0.5
—
s
Figure 5.24
tEXH
tEXcyc
XTAL external clock input
VCC × 0.5
tEXL
tEXr
tEXf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com