Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 81Page - Renesas Technology Corp RX231 Datasheet HTML 82Page - Renesas Technology Corp RX231 Datasheet HTML 83Page - Renesas Technology Corp RX231 Datasheet HTML 84Page - Renesas Technology Corp RX231 Datasheet HTML 85Page - Renesas Technology Corp RX231 Datasheet HTML 86Page - Renesas Technology Corp RX231 Datasheet HTML 87Page - Renesas Technology Corp RX231 Datasheet HTML 88Page - Renesas Technology Corp RX231 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 85 of 170
Sep 28, 2018
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. The IWDT, LVD, and CMPB are stopped.
Note 3. When VCC is 3.3 V.
Note 4. This increment includes the oscillation circuit.
Figure 5.4
Voltage Dependency in Software Standby Mode (Reference Data)
Table 5.8
DC Characteristics (6)
Conditions: 1.8 V ≤ VCC= VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Typ.*3
Max.
Unit
Test Conditions
Supply
current*1
Software standby
mode*2
Ta = 25°C
ICC
0.8
3.7
μA
Ta = 55°C
1.2
4.3
Ta = 85°C
3.5
18.6
Ta = 105°C
7.9
45.2
Increment for IWDT operation
0.4
—
Increment for LPT operation
0.4
—
Use IWDT-Dedicated On-Chip Oscillator for
clock source
Increment for RTC operation*4
0.4
—
RCR3.RTCDV[2:0] set to low drive capacity
1.2
—
RCR3.RTCDV[2:0] set to normal drive
capacity
Ta = 105°C*2
Ta = 105°C*1
Ta = 85°C*2
Ta = 85°C*1
Ta = 55°C*2
Ta = 25°C*2
Ta = 55°C*1
Ta = 25°C*1
Ta = 105°C*2
Ta = 105°C*1
Ta = 85°C*2
Ta = 85°C*1
Ta = 55°C*2
Ta = 55°C*1
Ta = 25°C*1
Ta = 25°C*2
2
2.5
3
3.5
4
4.5
6
5
5.5
1.5
VCC (V)
10
1
0.1
100
Note 1. Indicates the average of the typical samples through actual measurement during product evaluation.
Note 2. Indicates the average of the upper-limit samples through actual measurement during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com