Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 12Page - Renesas Technology Corp RX231 Datasheet HTML 13Page - Renesas Technology Corp RX231 Datasheet HTML 14Page - Renesas Technology Corp RX231 Datasheet HTML 15Page - Renesas Technology Corp RX231 Datasheet HTML 16Page - Renesas Technology Corp RX231 Datasheet HTML 17Page - Renesas Technology Corp RX231 Datasheet HTML 18Page - Renesas Technology Corp RX231 Datasheet HTML 19Page - Renesas Technology Corp RX231 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 16 of 170
Sep 28, 2018
RX230 Group, RX231 Group
1. Overview
SD host
interface
SDHI_D3 to SD_D0
I/O
SD data bus pins
SDHI_CD
Input
SD card detection pin
SDHI_WP
Input
SD write-protect signal
USB 2.0 host/
function module
VCC_USB
Input
Power supply pin for USB. Connect this pin to VCC or connect this pin to
VSS via a 0.33 µF smoothing capacitor for stabilizing the internal power
supply.
VSS_USB
Input
Ground pin for USB. Connect this pin to VSS.
USB0_DP
I/O
D+ I/O pin of the USB on-chip transceiver.
USB0_DM
I/O
D- I/O pin of the USB on-chip transceiver.
USB0_VBUS
Input
USB cable connection monitor pin.
USB0_EXICEN
Output
Low-power control signal for the OTG chip.
USB0_VBUSEN
Output
VBUS (5 V) supply enable signal for the OTG chip.
USB0_OVRCURA,
USB0_OVRCURB
Input
External overcurrent detection pins.
USB0_ID
Input
Mini-AB connector ID input pin during operation in OTG mode.
12-bit A/D
converter
AN000 to AN007, AN016 to
AN031
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRG0#
Input
Input pin for the external trigger signal that start the A/D conversion.
12-bit D/A
converter
DA0, DA1
Output
Analog output pins of the D/A converter.
Comparator B
CMPB0 to CMPB3
Input
Input pin for the analog signal to be processed by comparator B.
CVREFB0 to CVREFB3
Input
Analog reference voltage supply pin for comparator B.
CMPOB0 to CMPOB3
Output
Output pin for comparator B.
CTSU
TS0 to TS9, TS12, TS13,
TS15 to TS20, TS22, TS23,
TS27, TS30, TS33, TS35
Output
Electrostatic capacitance measurement pins (touch pins).
TSCAP
Output
LPF connection pin.
Analog power
supply
AVCC0
Input
Analog voltage supply pin for the 12-bit A/D converter and D/A converter.
Connect this pin to VCC when not using the 12-bit A/D converter and D/A
converter.
AVSS0
Input
Analog ground pin for the 12-bit A/D converter and D/A converter. Connect
this pin to VSS when not using the 12-bit A/D converter and D/A converter.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter.
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter.
VREFH
Input
Analog reference voltage supply pin for the 12-bit D/A converter.
VREFL
Input
Analog reference ground pin for the 12-bit D/A converter.
I/O ports
P03, P05, P07
I/O
3-bit input/output pins.
P12 to P17
I/O
6-bit input/output pins.
P20 to P27
I/O
8-bit input/output pins.
P30 to P37
I/O
8-bit input/output pins (P35 input pin).
P40 to P47
I/O
8-bit input/output pins.
P50 to P55
I/O
6-bit input/output pins.
PA0 to PA7
I/O
8-bit input/output pins.
PB0 to PB7
I/O
8-bit input/output pins.
PC0 to PC7
I/O
8-bit input/output pins.
PD0 to PD7
I/O
8-bit input/output pins.
PE0 to PE7
I/O
8-bit input/output pins.
PH0 to PH3
I/O
4-bit input/output pins.
PJ3
I/O
1-bit input/output pin.
Table 1.5
Pin Functions (4/4)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com