Electronic Components Datasheet Search
  English  ▼

X  

2229 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2229
Description  3M™ Scotch-Seal™ Mastic Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2229 Datasheet(HTML) 1 Page - 3M Electronics

  2229 Datasheet HTML 1Page - 3M Electronics 2229 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
3
3M™ Scotch-Seal™ Mastic Tape
and Pads 2229
Product
Description
3M™ Scotch-Seal™ Mastic Tape and Pads 2229 are conformable, durable, tacky
mastic coated on an easy release liner. The product is designed for quick and easy
insulating, padding and sealing of objects that need to be protected from adverse
environmental conditions. It is well suited for corrosion protection applicants and is
resistant to U.V. radiation.
Data Sheet
May 2013
Agency Approvals
& Self
Certifications
RoHS
2011/65/EU
"RoHS 2011/65/EU" means that the product or part does not contain any of the
substances in excess of the maximum concentration values (“MCVs”) in EU RoHS
Directive 2011/65/EU. The MCVs are by weight in homogeneous materials. This
information represents 3M's knowledge and belief, which may be based in whole or in
part on information provided by third party suppliers to 3M.
Product Features
 Excellent adhesion and sealing characteristics to metals, rubbers, synthetic cable
insulations and jackets.
 Stable over wide temperature range while maintaining its sealing properties.
 Conformable and moldable for easy applications over irregular surfaces.
 Does not crack when subjected to repeated flexing.
 Fully compatible with most semi-con jacketing materials.
 Material exhibits self-healing characteristics after being punctured or cut.
 Chemical resistance.
 Exhibits very low cold-flow.
 Retains its flexibility at low temperatures resulting in ease of application and
continuous performance at reduced temperatures.
Applications
 For sealing high-voltage cable splice and termination accessories for
90º C continuous operating temperature.
 For insulating electrical connections rated up to 1000 volts if over
wrapped with vinyl or rubber electrical tape.
 For padding irregular-shaped connections.
 For providing corrosion protection to a wide variety of electrical
connections and applications.
 For sealing ducts and cable end seals.
 For sealing against dust, soil, water and other environmental conditions


Similar Part No. - 2229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2229 ETC2-2229 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Keystone Electronics Co...
2229 KEYSTONE-2229 Datasheet
354Kb / 1P
INTERCONNECT BATTERY HOLDERS
31-07 20th
logo
Santronics Inc
2229 SCS-2229 Datasheet
730Kb / 2P
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
August 2015
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
Integrated Technology F...
222901B ITF-222901B Datasheet
179Kb / 2P
Typical 1dB bandwidth of 29.6 MHz
Rev 1.0 2013. 03. 27
More results

Similar Description - 2229

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1252 3M-1252 Datasheet
564Kb / 6P
3M™ Scotch-Seal Tamper Proof Sealant 1252
Aug-2019
3000WT 3M-3000WT Datasheet
88Kb / 3P
Mastic coupe-feu 3M™ 3000WT Mastic Silicone intumescent
01-Jan-2008
2668 3M-2668 Datasheet
2Mb / 4P
3M™ High Shear Pressure Sensitive Cover Tape 2668
August 2017
2671A 3M-2671A Datasheet
1Mb / 4P
3M™ Static Dissipative Heat Activated Cover Tape 2671A
August 2017
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com