Electronic Components Datasheet Search
  English  ▼

X  

2229 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2229
Description  3M™ Scotch-Seal™ Mastic Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2229 Datasheet(HTML) 2 Page - 3M Electronics

  2229 Datasheet HTML 1Page - 3M Electronics 2229 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ Scotch-Seal™ Mastic Tape and Pads 2229
2 of 2
3M and Scotch-Seal are trademarks of 3M Company.
3
Product Handling
The appropriate length of 3M™ Scotch-Seal™ Mastic Tape 2229 can easily be cut off the
roll by using a sharp knife or suitable protected razor blade. It can be applied in layers or
can easily be molded into the desired shape.
Note: Since a large number of different semi-conductive jacketing materials are currently
available, the user is urged to test the compatibility of 2229 mastic tape with the semi-
conductive jacketing material being used.
Typical Properties
Properties
Typical Value
Color
Black
Thickness
1
125 mil (3,18mm)
Water Absorption
3
0.07%
Application Temperature
0ºC to 38ºC, 32ºF to 100ºF
Dielectric Strength
1
(Wet or Dry)
379 V/mil (14,9kV/mm)
Dielectric Constant
2
73ºF(23ºC) 60Hz
3.26
Dissipation Factor
2
0.80%
* Foot notes: 1. ASTM-D-1000 Test method
2. ASTM-D-150 Test method.
3. 3M™ Test method 282
Shelf-Life
This product has a 5-year shelf life from date of manufacture when stored in a humidity
controlled storage (10°C / 50°F to 27°C / 80 °F and <75% relative humidity).
Availability
The 2229 mastic tape is available in the following sizes from your local authorized 3M
distributor:
3 ¾” x 10’
(95,3 mm x 3 m)
Roll
1” x 10’
(25,4 mm x 3 m)
Roll
2 ½” x 3 ¾” (63,5 mm x 95,3 mm)
Pad
3 ¾” x 3 ¾” (95,3 mm x 95,3 mm)
Pad
6 ½” x 3 ¾” (165,1 mm x 95,3 mm) Pad
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be
reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is
suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the
product, which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order, shall
have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER WARRANTIES
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M’s option, to
replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be
liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the
legal theory asserted.
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2013 All rights reserved
78-8126-9091-1 Rev B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com