Electronic Components Datasheet Search
  English  ▼

X  

2234 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2234
Description  Scotch® Cable Jacket Repair TAPE 2234
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2234 Datasheet(HTML) 1 Page - 3M Electronics

  2234 Datasheet HTML 1Page - 3M Electronics 2234 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
3
Scotch
® Cable Jacket Repair
Tape 2234
Data Sheet
September 2013
Description
Scotch
® Cable Jacket Repair Tape 2234 provides a cost effective and efficient means of
covering and protecting damaged sections of cable jacket, thereby extending the life of
the cable and reducing down time. The outer layer of the tape is composed of
vulcanized CSM rubber to provide outstanding chemical and environmental resistance.
The inner layer is composed of flame-retardant mastic and acts as a moisture barrier
which provides excellent adhesion to a variety of jacket materials.
Features
Insulates and protects damaged cable jackets
Flame retardant
Good adhesion to cable jacket materials
Excellent abrasion resistance
Resistant to heat, oil, ozone, UV and other environmental effects
Maintains flexibility to -22°F (-30°C)
Agency Approvals
& Self Certifications
UL Recognized 220°F (105°C) Temperature Rating.
RoHS
2011/65/EU
"RoHS 2011/65/EU" means that the product or part does not contain any of the substances in excess of the
maximum concentration values (“MCVs”) in EU RoHS Directive 2011/65/EU. The MCVs are by weight in
homogeneous materials. This information represents 3M's knowledge and belief, which may be based in whole
or in part on information provided by third party suppliers to 3M.
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum. Properties
measured at room temperature 73°F (~23°C) unless otherwise stated.
Physical Properties (Test Method)
Typical Value
US units (metric)
ASTM Test Method
(unless noted)
Color
Black
Adhesive
Flame retardant
Tensile Strength*
2400 psi (16,5 Mpa)
D412
Elongation* (% at break)
500%
D412
Tear Resistance*
200 pli (35 kg/cm)
D624
Hardness-Shore A
55
D2240
Adhesion to Steel
160 oz/in (17,5 N/cm)
D1000
Adhesion to PVC
85 oz/in (9,3 N/cm)
D1000
Adhesion to Neoprene
14 oz/in (1,5 N/cm)
D1000
Adhesion to CSM
107 oz/in (11,7 N/cm)
D1000
Adhesion to PE
112 oz/in (12,2 N/cm)
D1000
*Test result for backing only


Similar Part No. - 2234

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2234 ETC2-2234 Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Heyco.
2234 HEYCO-2234 Datasheet
106Kb / 1P
Snap Bushings
logo
Santronics Inc
2234 SCS-2234 Datasheet
730Kb / 2P
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
August 2015
logo
Festo Corporation.
2234020 FESTO-2234020 Datasheet
66Kb / 1P
Axial kit
1/10/23
logo
TE Connectivity Ltd
2234631-2 TEC-2234631-2 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 2234

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RSM-RKM-50-2M TURCK-RSM-RKM-50-2M Datasheet
166Kb / 2P
PVC Cable Jacket
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
08275 3M-08275 Datasheet
83Kb / 4P
3M Rigid Parts Repair
Nov-2017
RP-2220 3M-RP-2220 Datasheet
337Kb / 3P
3M??Scotch-Weld??Repair Paste RP-2220 B/A
2090 3M-2090 Datasheet
36Kb / 2P
Scotch-Blue™ Painter’s Tape for Multi-Surfaces
January 2010
logo
Molex Electronics Ltd.
62201-7800 MOLEX-62201-7800 Datasheet
1Mb / 5P
BMTP Repair Fixture
11-17-11
logo
Schneider Electric
NSYS3X4320 SCHNEIDER-NSYS3X4320 Datasheet
63Kb / 2P
SPACIAL S3X stainless 304L, Scotch Brite® finish, H400xW300xD200 mm.
Mar 9, 2013
logo
Belden Inc.
9452 BELDEN-9452 Datasheet
154Kb / 2P
Microphone Cable, 2C #24 Str TC, Noise reducing tape, O/A Foil, PVC Jacket
01-20-2023
6500FH BELDEN-6500FH Datasheet
150Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
6500UH BELDEN-6500UH Datasheet
151Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com