Electronic Components Datasheet Search
  English  ▼

X  

2234 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2234
Description  Scotch® Cable Jacket Repair TAPE 2234
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2234 Datasheet(HTML) 2 Page - 3M Electronics

  2234 Datasheet HTML 1Page - 3M Electronics 2234 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch
® Cable Jacket Repair Tape 2234
2 of 2
3M, Scotch and Super 33+ are trademarks of 3M Company.
3
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2013 All rights reserved
78-8127-7014-3 Rev D
Typical Properties,
continued
Not for specifications. Values are typical, not to be considered minimum or maximum. Properties
measured at room temperature 73°F (~23°C) unless otherwise stated.
Electrical Properties (Test Method)
Typical Value
US units (metric)
ASTM Test Method
(Unless Noted)
Volume Resistivity
10
14 ohm/cm
D257
Breakdown Voltage
400 V/mil (15,7 kV/mm)
D149
Environmental Resistance
Properties (Test Method)
Typical Value
US units (metric)
ASTM Test Method
(Unless Noted)
Heat Resistance* (70h/125°C)
Pass
D2000-Type CE
Temperature Rating (105°C)
Pass
UL 510
Flammability**
Pass
MSHA CFR 30 Part 7
Oil Resistance* (70h/125°C/IRM 903)
Pass
D2000-Type CE
Ozone Resistance
Pass
D4325
Abrasion Resistance
Tabor H22 wheel, 250g, 1000 cycles
0.05g (0.05g)
--
MVTR (37.8°C, 100% RH)
0.025g/100sq.in.24h
(0,38 g/sq.m.24h)
D1249
Water Absorption
0.50%
D570
Copper Corrosion Resistance
Pass
D69
*Test result for backing only
**This product passes the flame test specified in CFR 30 Part 7, but is not approved by MSHA.
Engineering
Specification
Scotch
® Cable Jacket Repair Tape 2234 should be half-lapped over the damaged jacket
area so as to cover the entire area. Each end should be overwrapped with Scotch
®
Super 33+™ Vinyl Electrical Tape or Scotch
® Vinyl Electrical Tape Super 88. The
lowest application temperature is 23°F (-5°C). Continuous operating temperature range
is -22°F (-30°C) to 220°F (105°C).
Shelf Life & Storage
This product has a 5-year shelf life from date of manufacture when stored in a humidity
controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity).
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to Buy] or
call 1.800.245.3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to
be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and
determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any
statements related to the product, which are not contained in 3M’s current publications, or any contrary statements
contained on your purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an authorized
officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive
remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except
where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage
arising from this 3M product, regardless of the legal theory asserted.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com