Electronic Components Datasheet Search
  English  ▼

X  

DP600NS Datasheet(PDF) 2 Page - 3M Electronics

Part # DP600NS
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP600NS Datasheet(HTML) 2 Page - 3M Electronics

  DP600NS Datasheet HTML 1Page - 3M Electronics DP600NS Datasheet HTML 2Page - 3M Electronics DP600NS Datasheet HTML 3Page - 3M Electronics DP600NS Datasheet HTML 4Page - 3M Electronics DP600NS Datasheet HTML 5Page - 3M Electronics DP600NS Datasheet HTML 6Page - 3M Electronics DP600NS Datasheet HTML 7Page - 3M Electronics DP600NS Datasheet HTML 8Page - 3M Electronics DP600NS Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
2
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Property
Condition
DP600
Self-Leveling
DP600NS
Appearance
Part B
Part A
Opaque Black
Clear Yellowish
Opaque Black
Clear Yellowish
Mix Ratio (B:A)
By volume
1:1
1:1
By weight
1:1
1:1
Viscosity1, centipoise
Part B
1100 - 6000 cP
1500 - 3000 cP
Part A
1000 - 3000 cP
1000 - 3000 cP
Density, lb/gal
Part B
8.5 - 8.9
8.5 - 8.9
Part A
9.5 - 9.9
9.5 - 9.9
Work Life @ 73°F (23°C)
10 g, 1/4" thick
70 seconds
50 seconds
1
Brookfield CP #52 @ 100 rpm, 77°F (25°C)
Property
Condition
DP600
Self-Leveling
DP600NS
Appearance
Cured
Medium Gray
Medium Gray
Tack-Free Time
10 g, 1/4" thick,
@ 77°F (25°C)
4 minutes
2 minutes
Full Cure Time
10 g, 1/4" thick,
@ 77°F (25°C)
1 hour
1 hour
Hardness After Cure
1 hour @ 77°F
(25°C)
70 Shore D
70 Shore D
Temperature Range
Continuous
Exposure
-60°F (-51°C) to
250°F (121°C)
-60°F (-51°C) to
250°F (121°C)
Typical
Uncured
Physical
Properties
Typical
Cured
Physical
Properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com