Electronic Components Datasheet Search
  English  ▼

X  

DP600NS Datasheet(PDF) 3 Page - 3M Electronics

Part # DP600NS
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP600NS Datasheet(HTML) 3 Page - 3M Electronics

  DP600NS Datasheet HTML 1Page - 3M Electronics DP600NS Datasheet HTML 2Page - 3M Electronics DP600NS Datasheet HTML 3Page - 3M Electronics DP600NS Datasheet HTML 4Page - 3M Electronics DP600NS Datasheet HTML 5Page - 3M Electronics DP600NS Datasheet HTML 6Page - 3M Electronics DP600NS Datasheet HTML 7Page - 3M Electronics DP600NS Datasheet HTML 8Page - 3M Electronics DP600NS Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
3
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Aluminum, Overlap Shear, at Temperature (PSI) (ASTM D1002)
Temperature
DP600
Self-Leveling
DP600NS
-40°F (-40°C)
2800
2550
73°F (23°C)
2300
2300
180°F (82°C) (15 min.)
1
700
670
1Represents time in test chamber oven before test.
Overlap Shear, Tested @ 73°F (23°C) (PSI) (ASTM D1002)
Product
DP600
Self-Leveling
DP600NS
Aluminum
MEK/abrade/MEK
2300
2300
Cold Rolled Steel
MEK/abrade/MEK
2250
1190
Nylon
IPA/abrade/IPA
300
300
Polycarbonate
IPA/abrade/IPA
300
480
Acrylic
IPA/abrade/IPA
430
470
SMC
IPA/abrade/IPA
340
370
Rigid PVC
IPA/abrade/IPA
430
450
ABS
IPA/abrade/IPA
500
500
HIPS
IPA/abrade/IPA
320
380
See Surface Preparation Section for additional information.
Aluminum (Etched), Floating Roller Peel, Tested @ 73°F (23°C) (PIW)
(ASTM D3167)
Temperature
DP600 Self-Leveling
DP600NS
73°F (23°C)
20
9
Typical Adhesive
Performance
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com