Electronic Components Datasheet Search
  English  ▼

X  

DP600 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP600
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP600 Datasheet(HTML) 5 Page - 3M Electronics

  DP600 Datasheet HTML 1Page - 3M Electronics DP600 Datasheet HTML 2Page - 3M Electronics DP600 Datasheet HTML 3Page - 3M Electronics DP600 Datasheet HTML 4Page - 3M Electronics DP600 Datasheet HTML 5Page - 3M Electronics DP600 Datasheet HTML 6Page - 3M Electronics DP600 Datasheet HTML 7Page - 3M Electronics DP600 Datasheet HTML 8Page - 3M Electronics DP600 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
5
Self-Leveling Procedure for Doing Concrete Repairs
1.
Keeping the mixer tip at the deepest portion of the repair area, dispense
into the prepared cavity, depression, void, groove or crack.
2.
Keep the end of the mix tip immersed in the product as the repair is being
filled.
3.
Use a spreader to cover the repair and leave an excess of at least 1"
around the repair edges. Overfilling 3M™ Scotch-Weld™ Urethane
Adhesive DP600 and allowing it to overlap approximately one inch along
the edges of the repair tapering to just a few mils thickness provides a
substantial tie into the concrete and increases the lifetime of the repair.
4.
Place the spreader over the filled repair.
5.
Press down and hold for about 30 seconds to spread the repair
compound.
6.
Let repair cure before removing the spreader.
7.
3M™ Scotch-Weld™ Urethane Adhesive DP600 will self-level and set
approximately within one minute and leave a slight meniscus. If desired,
one can create a repair flush and level to the concrete floor on smaller
areas up to 6 inches square by overlaying a slightly stiff polyethylene
sheet (approximately the modulus of a plastic spreader) just prior to the
set of 3M™ Scotch-Weld™ Urethane Adhesive DP600.
8.
At 75°F (24°C), a 1/4"-thick section sets and becomes tack-free within 4
minutes and will cure within one hour. Note: Thicker masses or substrates
at higher temperature take less time to cure. Thinner masses or substrates
at lower temperature take more time to cure.
Repairing Leading Edges on Steps and Stairways
1.
For sharp edges: Follow the procedures above and shape edge by using
two spreaders. Use one spreader to flatten the vertical edge of repair
and the other spreader for the top of repair.
2.
For round edges: Form round edges with a piece of plastic contouring
sheet on small repairs (less than 3" x 3"). Plastic must be at least 1" larger
around than the edges of the repair.
Repair Clean-up and Finishing
1.
Remove masking tape from repair.
2.
Shave or grind cured product with 36 grit sandpaper to achieve desired
shape.
3.
Sand with 80 grit sandpaper to remove any scratches.
4.
If 3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-Leveling or
DP600NS is applied in a traffic area, apply sand or some type of grip to
repaired surface area.
Installation
Instructions
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com