Electronic Components Datasheet Search
  English  ▼

X  

DP600 Datasheet(PDF) 6 Page - 3M Electronics

Part # DP600
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP600 Datasheet(HTML) 6 Page - 3M Electronics

Back Button DP600 Datasheet HTML 2Page - 3M Electronics DP600 Datasheet HTML 3Page - 3M Electronics DP600 Datasheet HTML 4Page - 3M Electronics DP600 Datasheet HTML 5Page - 3M Electronics DP600 Datasheet HTML 6Page - 3M Electronics DP600 Datasheet HTML 7Page - 3M Electronics DP600 Datasheet HTML 8Page - 3M Electronics DP600 Datasheet HTML 9Page - 3M Electronics DP600 Datasheet HTML 10Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
6
Custom Tapping and Fastening
Custom tapping is a form of chemical anchoring where cupboards, wall
hangers or other heavy cabinetry can be secured in place. However, the
bolts or screws holding heavy cantilevered items can be easily removed
facilitating the re-location of the cabinetry. Custom tapping is done by
molding the threads of bolts and screws into an adhesive plug, rather
than being mechanically anchored into lag shields. The tough molding
properties of this product allow it to form and retain a high-strength, non-
brittle interlock between holes cored into concrete, wood or masonry and
the threads of the inserted bolt or screw.
The release characteristics, upon removal, are achieved by simply spraying
the bolt or screw with 3M™ 5-Way Penetrant (or another release agent)
before the bolt or screw is inserted into the liquid 3M™ Scotch-Weld™
Urethane Adhesive DP600 Self-Leveling or DP600NS prior to its setting. To
achieve a more permanent fixture, the bolts and screws simply are not
lubricated before embedding into the liquid 3M™ Scotch-Weld™ Urethane
Adhesive DP600NS prior to curing.
Preparation For Custom-tapping:
1.
Drill holes into the concrete, wood or masonry to the specified depth
using the chart below.
Bolt Width (in.)
Minimum Hole
Diameter (in.)
Minimum Hole
Depth (in.)
1/4
3/8
2
3/8
1/2
3-1/2
1/2
5/8
4-1/4
5/8
3/4
5
3/4
7/8
6-3/8
7/8
1
7-1/2
1
1-1/8
8-1/4
1-1/8
1-1/4
9
1-1/4
1-3/8
9-3/4
1-3/8
1-1/2
10-1/2
1-1/2
1-5/8
11-1/4
2.
Use a round bristle brush to clean the cored holes if they have not
been freshly drilled.
3.
Use moisture-free and oil-free compressed air to blow out the debris.
4.
Lightly coat the bolts or screws with 3M™ 5-Way Penetrant.
Installation
Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com