Electronic Components Datasheet Search
  English  ▼

X  

4411N Datasheet(PDF) 1 Page - 3M Electronics

Part # 4411N
Description  Extreme Sealing Tape
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4411N Datasheet(HTML) 1 Page - 3M Electronics

  4411N Datasheet HTML 1Page - 3M Electronics 4411N Datasheet HTML 2Page - 3M Electronics 4411N Datasheet HTML 3Page - 3M Electronics 4411N Datasheet HTML 4Page - 3M Electronics 4411N Datasheet HTML 5Page - 3M Electronics 4411N Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thickness, mils (mm)
Construction
4411N
4411G
4411B
4412N
4412G
Description
Release Liner
2
matte, translucent
(0.05)
polyester film
Ionomer Backing
4
acrylic and ethylene copolymer
(0.1)
Adhesive
36
76
very conformable multi-
(0.9)
(1.9)
purpose acrylic
Total Tape Thickness
40
80
without disposable release liner
(1.0)
(2.0)
Extreme Sealing Tape
4411N • 4411G • 4411B • 4412N • 4412G
Product
Description
3M™ Extreme Sealing Tape is a family of single coated, pressure sensitive adhesive tapes
designed for difficult sealing applications. The backing on this tape is an ionomer film that is
very tough yet flexible and abrasion resistant. The very soft and thick acrylic adhesive has
excellent sealing properties and good outdoor durability. This single coated tape is designed to
seal over an existing joint, seam, or penetration. The adhesive is designed to adhere well to the
ionomer film so that overlapping tape joints can be made while maintaining a strong seal.
Construction
Technical Data
September, 2014
Release Liner
Ionomer Backing
Adhesive


Similar Part No. - 4411N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
Hex Keys
4411-AQ0025 ETC1-4411-AQ0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4411-AQ4096 ETC1-4411-AQ4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4411-AS0025 ETC1-4411-AS0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4411-AS4096 ETC1-4411-AS4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4411N

ManufacturerPart #DatasheetDescription
logo
3M Electronics
375 3M-375 Datasheet
14Kb / 2P
Superior Performance Box Sealing Tape
Jan-2011
8068E 3M-8068E Datasheet
249Kb / 2P
Grid Air Sealing Tape 8068E
Sep-2016
371 3M-371 Datasheet
570Kb / 4P
3M™ Scotch® Industrial Box Sealing Tape 371
May-2017
372 3M-372 Datasheet
562Kb / 4P
3M??Scotch짰 Performance Box Sealing Tape 372
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
369 3M-369 Datasheet
133Kb / 4P
3M™ Tartan™ Box Sealing Tape 369
Jun-2017
481 3M-481 Datasheet
130Kb / 6P
3M™ Preservation Sealing Tape 481
Jun-2010
8777 3M-8777 Datasheet
137Kb / 5P
3M™ Sealing Tape 8777
Jun-2011
373 3M-373 Datasheet
14Kb / 2P
High Performance Box Sealing Tape
311 3M-311 Datasheet
115Kb / 3P
Box Sealing Tape
2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com