Electronic Components Datasheet Search
  English  ▼

X  

4411N Datasheet(PDF) 3 Page - 3M Electronics

Part # 4411N
Description  Extreme Sealing Tape
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4411N Datasheet(HTML) 3 Page - 3M Electronics

  4411N Datasheet HTML 1Page - 3M Electronics 4411N Datasheet HTML 2Page - 3M Electronics 4411N Datasheet HTML 3Page - 3M Electronics 4411N Datasheet HTML 4Page - 3M Electronics 4411N Datasheet HTML 5Page - 3M Electronics 4411N Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Extreme Sealing Tape
Surface
4411N
4411G
4411B
4412N
4412G
Preparation lb/in
N/cm
lb/in
N/cm
lb/in
N/cm
lb/in
N/cm
lb/in
N/cm
Stainless
AP111
15
26
16
28
17
30
18
32
18
32
Aluminum
AP111
15
26
15
26
19
33
18
32
18
32
Truck Paint
AP111
14
25
15
26
17
30
19
33
17
30
Glass
AP115
15
26
15
26
19
33
19
33
16
28
PC
P94
16
28
15
26
18
32
18
32
18
32
Acrylic
P94
15
26
15
26
16
28
19
33
17
30
ABS
P94
16
28
16
28
18
32
19
33
18
32
PVC
P94
16
28
15
26
19
33
19
33
18
32
PP
P94
15
26
15
26
16
28
18
32
17
30
3M
™ Extreme Sealing Tape
4411N • 4411G • 4411B • 4412N • 4412G
- 3 -
Preparing the
Surfae
The first step in making a successful seal is to prepare the surface for bonding. At a
minimum, this means making sure the bonding surface is clean of all contaminants. For
most surfaces, cleaning with a 50:50 mixture of isopropyl alcohol* (IPA) and water works
well. If the substrate is contaminated with heavy oils or grease, a degreaser or strong
solvent may be used to remove the oil, but a final wipe of IPA/water should be used.
For many substrates, a simple cleaning will allow 3M™ Extreme Sealing Tape to bond.
However, adhesion promoters can be used to increase both initial and final bond strength.
The following three primers are commonly used with 3M™ Extreme Sealing Tapes:
Metals and Paints
3M™ Adhesion Promoter 111 (AP111) increases adhesion on most metals and many hard
coatings and paints.
Plastics and Rubbers
3M™ Primer 94 increases adhesion on many plastics and rubbers.
Glass
3M™ Adhesion Promoter 115 (AP115) increases adhesion on glass.
See technical data sheets for adhesion promoter and primer application instructions.
*Consult manufacturer’s directions for use and precautions when using cleaning solvents.
This cleaning recommendation may not be compliant with the rules of certain Air Quality
Management Districts in California; consult applicable rules before use.
90 Degree Peel
Adhesion Strength
(Based on ASTM D-3330;
various substrates, 72 hour
room temp with 3M™
VHB™ 5925 tape to
attach aluminum peel
strip backing; adhesion
promoter or primer
used on substrates)
Notes:
1. For metals and paints, 3M™ Adhesion Promoter 111 was used to increase adhesion to maximum levels.
2. For glass, 3M™ Silane Glass Treatment AP115 was used to increase adhesion to maximum levels and
to provide long term durability on glass.
3. For plastics, 3M™ Primer 94 was used to increase adhesion to maximum levels. Note that Primer 94
has high levels of VOC’s and may not be available for purchase in all areas.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com