Electronic Components Datasheet Search
  English  ▼

X  

08270 Datasheet(PDF) 1 Page - 3M Electronics

Part # 08270
Description  SMC/ Fiberglass Repair Adhesive - 1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08270 Datasheet(HTML) 1 Page - 3M Electronics

  08270 Datasheet HTML 1Page - 3M Electronics 08270 Datasheet HTML 2Page - 3M Electronics 08270 Datasheet HTML 3Page - 3M Electronics 08270 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMC/ Fiberglass Repair Adhesive - 1
08270
Technical Data Sheet
June, 2014
3M Part No.(s)
3M Part Descriptor(s)
08270
3M™ SMC/Fiberglass Repair Adhesive - 1
Product Description 3M™ SMC/Fiberglass Repair Adhesive - 1 is a two part urethane used to bond rigid
plastics, such as
Sheet Molded Compound (SMC), Fiber Reinforced Polyester (FRP) i.e. Fiberglass,
Metton
®, and primed metal.
Features
• Meets OEM strengths specifications
- Freightliner – Standard No. 49-00093 Revision C
- PACCAR – Specification No. CMT0038
• Excellent sag resistance
• Fast cure time
• Metered static mixing
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Part A
Part B
Container
400 ml Dual Cartridge
Base
Urethane
Curative
Density lbs/Gallon (Appx.)
11
11
Color
Green
White
Viscosity (CPS)
Brookfield Viscometer
15,000
15,000 - 27,000
Solids Content (Appx.)
100%
100%
Consistency
Viscous Liquid
Viscous Liquid
Service Temperature - °F
-40 to 180°F
-40 to 180°F
Product Uses
3M™ SMC/Fiberglass Repair Adhesive - 1 is used to bond backup strips and patches to
rigid plastics, such as Sheet Molded Compound (SMC), Fiber Reinforced Polyester
(FRP) i.e. Fiberglass, and Metton
®. This adhesive is ideal for small repair areas such as
grilles and small gouges.


Similar Part No. - 08270

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0827005 PHOENIX-0827005 Datasheet
187Kb / 6P
UC-WMC 5,6 (23X8) CUS - Conductor marker
0827006 PHOENIX-0827006 Datasheet
189Kb / 5P
UC-WMC 5,6 (23X8) BU CUS - Conductor marker
0827007 PHOENIX-0827007 Datasheet
188Kb / 5P
UC-WMC 5,6 (23X8) GN CUS - Conductor marker
0827008 PHOENIX-0827008 Datasheet
188Kb / 5P
UC-WMC 5,6 (23X8) OG CUS - Conductor marker
0827009 PHOENIX-0827009 Datasheet
189Kb / 5P
UC-WMC 5,6 (23X8) RD CUS - Conductor marker
More results

Similar Description - 08270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTV106-85ML ETC2-RTV106-85ML Datasheet
106Kb / 2P
1-Part Adhesive Sealant RTV106
ANT-2.4-OM-CM-01-N ETC2-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
SP-1100ST ETC2-SP-1100ST Datasheet
387Kb / 2P
Fiberglass reinforced
PDS_BP-100 ETC2-PDS_BP-100 Datasheet
438Kb / 2P
Thermally Conductive, Fiberglass Reinforced Pressure Sensitive Adhesive Tape
PDS_BP-800 ETC2-PDS_BP-800 Datasheet
311Kb / 2P
Thermally Conductive, Fiberglass Reinforced Pressure Sensitive Adhesive Tape
logo
Laird Tech Smart Techno...
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
Fiberglass enclosures
FG9023 LSTD-FG9023 Datasheet
1Mb / 1P
FIBERGLASS OMNIDIRECTIONAL ANTENNAS
logo
3M Electronics
08275 3M-08275 Datasheet
83Kb / 4P
3M Rigid Parts Repair
Nov-2017
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
4-9-10
logo
Molex Electronics Ltd.
62201-7800 MOLEX-62201-7800 Datasheet
1Mb / 5P
BMTP Repair Fixture
11-17-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com